Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2010B-XFPY Datasheet(PDF) 6 Page - ATMEL Corporation

Part # U2010B-XFPY
Description  Phase-control IC with Current Feedback and Overload Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2010B-XFPY Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button U2010B-XFPY Datasheet HTML 2Page - ATMEL Corporation U2010B-XFPY Datasheet HTML 3Page - ATMEL Corporation U2010B-XFPY Datasheet HTML 4Page - ATMEL Corporation U2010B-XFPY Datasheet HTML 5Page - ATMEL Corporation U2010B-XFPY Datasheet HTML 6Page - ATMEL Corporation U2010B-XFPY Datasheet HTML 7Page - ATMEL Corporation U2010B-XFPY Datasheet HTML 8Page - ATMEL Corporation U2010B-XFPY Datasheet HTML 9Page - ATMEL Corporation U2010B-XFPY Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
4766B–INDCO–10/05
U2010B
3.7
Load-current Compensation
The circuit continuously measures the load current as a voltage drop at resistance R
6. The eval-
uation and use of both half waves results in a quick reaction to load-current change. Due to the
voltage at resistance R
6, there is a difference between both input currents at pins 1 and 2. This
difference controls the internal current source, whose positive current values are available at
pins 5 and 6. The output current generated at pin 5 contains the difference from the load-current
detection and from the mains voltage compensation, see Figure 1-2 on page 2.
The efficient impedance of the set-point network generates a voltage at pin 4. A current, flowing
out of pin 5 through R
10, modulates this voltage. An increase of mains voltage causes the
increase of control angle
α, an increase of load current results in a decrease in the control angle.
This avoids a decrease in revolution by increasing the load as well as an increase of revolution
by the increment of the mains supply voltage.
3.8
Load-current Limitation
The total output load current is available at pin 6. It results in a voltage drop across R
11. When
the potential of the load current reaches about 70% of the threshold value (V
T70), i.e., about 4.35
V at pin 6, it switches the high-load comparator and opens the switch between pins 11 and 12.
By using an LED between these pins (11 and 12), a high-load indication can be realized.
If the potential at pin 6 increases to about 6.2 V (= V
T100), it switches the overload comparator.
The result is programmable at pin 9 (operation mode).
3.8.1
Mode Selection
a)
α
max (V9 = 0)
In this mode of operation, pin 13 switches to -V
S (pin 11) and pin 6 to GND
(pin 10) after V
6 has reached the threshold VT100. A soft-start capacitor is then
shorted and the control angle is switched to
α
max. This position is maintained
until the supply voltage is switched off. The motor can be started again with the
soft-start function when the power is switched on again. As the overload condition
switches pin 13 to pin 11, it is possible to use a smaller control angle,
α
max, by
connecting a further resistance between pins 13 and 14.
b)
Auto start (pin 9 – open), see Figure 7-8 on page 12
The circuit behaves as described above, with the exception that pin 6 is not
connected to GND. If the value of V6 decreases to 25% of the threshold
value (V
T25), the circuit becomes active again with soft start.
c)
I
max (V9 = V8), see Figure 7-10 on page 13
When V
6 has reached the maximum overload threshold value (i.e., V6 = VT100),
pin 13 is switched to pin 8 (V
Ref) through the resistance R (= 2 kΩ) without the
soft-start capacitor discharging at pin 7. With this mode of operation, direct
load-current control (I
max) is possible.


Similar Part No. - U2010B-XFPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2010B-MFP ATMEL-U2010B-MFP Datasheet
331Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
U2010B-MFPY ATMEL-U2010B-MFPY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MY ATMEL-U2010B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
More results

Similar Description - U2010B-XFPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2010B-MFP ATMEL-U2010B-MFP Datasheet
331Kb / 18P
   Phase-control IC with Current Feedback and Overload Protection
U211B ATMEL-U211B Datasheet
605Kb / 30P
   Phase Control IC with Overload Limitation for Tacho Applications
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
   PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
   Phase Control Circuit for Current Feedback
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
   Phase Control Circuit for Current Feedback
logo
TEMIC Semiconductors
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
   Phase Control Circuit Load Current Feedback Applications
U210B TEMIC-U210B Datasheet
378Kb / 15P
   Phase Control Circuit - Load Current Feedback Applications
U2008B TEMIC-U2008B Datasheet
122Kb / 10P
   Low Cost Current Feedback Phase Control Circuit
logo
List of Unclassifed Man...
TDA2088 ETC1-TDA2088 Datasheet
276Kb / 3P
   PHASE CONTROL INTEGRATED CURCUIT FOR CURRENT FEEDBACK APPLICATION
logo
New Japan Radio
NJM2146B NJRC-NJM2146B Datasheet
164Kb / 6P
   VOLTAGE AND CURRENT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com