Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U209B Datasheet(PDF) 10 Page - ATMEL Corporation

Part # U209B
Description  Phase Control IC for Tacho Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U209B Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button U209B Datasheet HTML 6Page - ATMEL Corporation U209B Datasheet HTML 7Page - ATMEL Corporation U209B Datasheet HTML 8Page - ATMEL Corporation U209B Datasheet HTML 9Page - ATMEL Corporation U209B Datasheet HTML 10Page - ATMEL Corporation U209B Datasheet HTML 11Page - ATMEL Corporation U209B Datasheet HTML 12Page - ATMEL Corporation U209B Datasheet HTML 13Page - ATMEL Corporation U209B Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
4765C–INDCO–02/07
U209B
Electrostatic sensitive device.
Observe precautions for handling.
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Reference point pin 2, unless otherwise specified
Parameters
Pins
Symbol
Value
Unit
Current requirement
3
-IS
30
mA
t
≤10 µs
3
-is
100
mA
Synchronization current
1
IsyncI
5mA
14
IsyncV
5mA
t < 10 µs
1
±iI
35
mA
t < 10 µs
14
±iV
35
mA
f/V Converter
Input current
7
Ieff
3mA
t <10 µs
7
±ii
13
mA
Phase Control
Input voltage
11
-VI
0 to 7
V
Input current
11
±II
500
µA
Soft Start
Input voltage
12
-VI
|V13| to 0
V
Pulse Output
Reverse voltage
4
VR
VS to 5
V
Amplifier
Input voltage
10
-VI
|VS|
Pin 8 open
9
-VI
|V13| to 0
V
Reference Voltage Source
Output current
13
Io
7.5
mA
Power dissipation
T
amb = 45° C
Tamb = 80° C
P
tot
Ptot
570
320
mW
mW
Storage temperature range
Tstg
-40 to +125
° C
Junction temperature
Tj
125
° C
Ambient temperature range
Tamb
-10 to +100
° C
5.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
DIP14
SO16 on p.c. board
SO16 on ceramic substrate
R
thJA
RthJA
R
thJA
140
180
100
K/W
K/W
K/W


Similar Part No. - U209B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U209B ATMEL-U209B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
   Phase Control Circuit - Tacho Applications
U209B3-FP TEMIC-U209B3-FP Datasheet
206Kb / 14P
   Phase Control Circuit - Tacho Applications
More results

Similar Description - U209B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U211B ATMEL-U211B Datasheet
605Kb / 30P
   Phase Control IC with Overload Limitation for Tacho Applications
logo
TEMIC Semiconductors
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
   Phase Control Circuit - Tacho Applications
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
   Phase Control IC
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
logo
Infineon Technologies A...
TCA785 INFINEON-TCA785 Datasheet
454Kb / 16P
   Phase Control IC
09.94
logo
TEMIC Semiconductors
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
   Phase Control Circuit for Industrial Applications
logo
RS Components Ltd.
TDA2086A RS-TDA2086A Datasheet
308Kb / 14P
   Phase control IC TDA2086A
1997
logo
Littelfuse
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com