Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC801IMLTR Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC801IMLTR
Description  Fully Integrated High Current Lithium-Ion Battery Charger System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC801IMLTR Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC801IMLTR Datasheet HTML 5Page - Semtech Corporation SC801IMLTR Datasheet HTML 6Page - Semtech Corporation SC801IMLTR Datasheet HTML 7Page - Semtech Corporation SC801IMLTR Datasheet HTML 8Page - Semtech Corporation SC801IMLTR Datasheet HTML 9Page - Semtech Corporation SC801IMLTR Datasheet HTML 10Page - Semtech Corporation SC801IMLTR Datasheet HTML 11Page - Semtech Corporation SC801IMLTR Datasheet HTML 12Page - Semtech Corporation SC801IMLTR Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
 2004 Semtech Corp.
www.semtech.com
SC801
POWER MANAGEMENT
Applications Information (Cont.)
Layout Guidelines
Try to keep the traces from the adaptor input to the VCC
pins as wide as possible, to eliminate any voltage drop
across the device input traces. You want to make sure
the input-to-output voltage differential of the device does
not approach the dropout voltage. A curve of the drop-
out voltage vs. output current is shown on page 15. Any
voltage dropped over the input traces from the adaptor
will reduce the dropout voltage margin.
Make the high current output trace from the VOUT pins
as wide as possible. The BSEN line should be used prop-
erly to compensate for any voltage drops from the out-
put trace to the battery. Make a Kelvin connection with
the BSEN trace to where VOUT connects the battery ter-
minals. This is done by taking the BSEN trace and tying it
to the VOUT trace as close to the battery terminals as
possible. This way, any voltage drop across the trace re-
sistance to the battery will be compensated for because
BSEN will regulate the device output voltage (VOUT) at
the point it connects to the VOUT trace. If you tie the
BSEN line to the VOUT pin at the device you will eliminate
the benefit of its purpose and the trace resistance drop
will not be compensated. Therefore, it is best to have
the BSEN trace follow in parallel the VOUT trace and tie
them together at the contact point of the battery termi-
nal for the best result.
The bottom of the SC801 package has a heat slug and
this slug should be tied to a ground plane of the PCB
through one large via or a series of smaller vias. If there
is no ground plane, an area should be dedicated on the
bottom of the PCB to act as a heat sink. The evaluation
board has 1 square inch of copper and allows an output
current of greater that 1A. The more copper tied to this
slug the greater the output current available before ther-
mal limitations dominate. The two pins that are labeled
NC are not connected to the die. Therefore, tying these
pins to the ground plane offers no aide in heat removal
and has no electrical benefit.


Similar Part No. - SC801IMLTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC801IMLTR SEMTECH-SC801IMLTR Datasheet
360Kb / 17P
   Fully Integrated High Currnet Lithium-Ion Battery Charger System
SC801IMLTRT SEMTECH-SC801IMLTRT Datasheet
360Kb / 17P
   Fully Integrated High Currnet Lithium-Ion Battery Charger System
More results

Similar Description - SC801IMLTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC803 SEMTECH-SC803 Datasheet
737Kb / 17P
   Fully Integrated High Current Lithium-Ion Battery Charger System
SC801 SEMTECH-SC801 Datasheet
360Kb / 17P
   Fully Integrated High Currnet Lithium-Ion Battery Charger System
SC802 SEMTECH-SC802 Datasheet
748Kb / 16P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC802 SEMTECH-SC802_08 Datasheet
639Kb / 18P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804 SEMTECH-SC804 Datasheet
536Kb / 21P
   Fully Integrated Lithium-Ion Battery Charger System with Timer
SC804A SEMTECH-SC804A Datasheet
539Kb / 21P
   Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
SC805 SEMTECH-SC805 Datasheet
283Kb / 15P
   Miniature Integrated High Current Lithium-Ion Battery Charger
SC805A SEMTECH-SC805A_08 Datasheet
424Kb / 17P
   Miniature Integrated High Current Lithium-Ion Battery Charger
SC805A SEMTECH-SC805A Datasheet
702Kb / 17P
   Miniature Integrated High Current Lithium-Ion Battery Charger
SC806 SEMTECH-SC806 Datasheet
413Kb / 13P
   Miniature High Current Lithium-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com