Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE1203F Datasheet(PDF) 10 Page - Semtech Corporation

Part # XE1203F
Description  433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE1203F Datasheet(HTML) 10 Page - Semtech Corporation

Back Button XE1203F Datasheet HTML 6Page - Semtech Corporation XE1203F Datasheet HTML 7Page - Semtech Corporation XE1203F Datasheet HTML 8Page - Semtech Corporation XE1203F Datasheet HTML 9Page - Semtech Corporation XE1203F Datasheet HTML 10Page - Semtech Corporation XE1203F Datasheet HTML 11Page - Semtech Corporation XE1203F Datasheet HTML 12Page - Semtech Corporation XE1203F Datasheet HTML 13Page - Semtech Corporation XE1203F Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
© Semtech 2007
www.semtech.com
10
XE1203F
4.1.6
Pattern recognition block
When in receiver mode, this feature is activated by setting RTParam_Pattern Configuration Register bit high. The
demodulated data signal is compared with a pattern stored in the PATParam_Pattern Configuration Register. The
PATTERN output pin is driven by the output of this comparator and is synchronized by DCLK. It is set to high when
a matching condition is detected, otherwise set to low. The PATTERN output is updated at the rising edge of DCLK.
The number of bits used for comparison is defined in the ADParam_Psize Configuration Register and the number of
tolerated errors for the pattern recognition is defined in the ADParam_Ptol register. Figure 4, below, illustrates the
pattern matching process.
Figure 4: Pattern Matching Operation.
4.1.7
RSSI
When enabled, this function provides a Received Signal Strength Indication based on the signal at the output of the
base-band filter. To enable the RSSI function, the RTParam_RSSI Configuration Register bit should be set to “1”.
When enabled, the status of the RSSI in the DataOut_RSSI register is a 2-bit word which can be read via the serial
control interface. The content of the register is defined in Table 5, below, where VRFFIL is the differential amplitude
equivalent to the RF input signal with the receiver operated in A-mode. The thresholds, VTH are the equivalent of the
signal at the output of the base-band filter stage, divided by the signal gain.
DataOut_RSSI
Description
0 0
VRFFIL
≤ VTHR1
0 1
VTHR1 < VRFFIL
≤ VTHR2
1 0
VTHR2 < VRFFIL
≤ VTHR3
1 1
VTHR3 < VRFFIL
Table 5 RSSI status description
Two possible ranges, each having a set of three VTH threshold values, VTHR1, VTHR2, and VTHR3 (see 3.2.2 for
actual values), are selected with the RTParam_RSSIR Configuration Register bit. They provide an overall RSSI
range of typically 25 dB.
The timing diagram of an RSSI measurement is illustrated in the Figure 5 below. When the RSSI function has been
activated, the signal strength is periodically measured and the result is stored in the register DataOut_RSSI each
time this DataOut_RSSI register is read via the 3-wire serial interface. Note that TS_RS is the wake-up time
required after the function has been enabled to ensure that a valid reading of RSSI is obtained.


Similar Part No. - XE1203F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
logo
Okaya Electric America,...
XE1203 OKAYA-XE1203 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE1203 OKAYA-XE1203 Datasheet
76Kb / 1P
   SPARK QUENCHER
logo
List of Unclassifed Man...
XE1203I063 ETC1-XE1203I063 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
More results

Similar Description - XE1203F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
   433/868/915 MHz RF Modules
logo
List of Unclassifed Man...
RFM50 ETC2-RFM50 Datasheet
244Kb / 8P
   MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
ams AG
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
   OnBoard 868/915/8682400 MHz - Antenna
logo
TE Connectivity Ltd
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Linx Technologies
ANT-8-VDP-2000-SMA LINX-ANT-8-VDP-2000-SMA Datasheet
932Kb / 8P
   Remote Adhesive-Mount 868 MHz/915 MHz Antenna
2021
logo
Abracon Corporation
ACR1504I3-EVB ABRACON-ACR1504I3-EVB Datasheet
571Kb / 4P
   Evaluation Board - 915/868/433 MHz: LPWA/ISM Multiband Chip Antenna
09-13-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com