Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC632 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC632
Description  Fixed 5.0V Output Charge Pump Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC632 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC632 Datasheet HTML 6Page - Semtech Corporation SC632 Datasheet HTML 7Page - Semtech Corporation SC632 Datasheet HTML 8Page - Semtech Corporation SC632 Datasheet HTML 9Page - Semtech Corporation SC632 Datasheet HTML 10Page - Semtech Corporation SC632 Datasheet HTML 11Page - Semtech Corporation SC632 Datasheet HTML 12Page - Semtech Corporation SC632 Datasheet HTML 13Page - Semtech Corporation SC632 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SC632
11
Short-Circuit Current Protection
Short-circuit current protection is provided to limit the
current that can be sourced when the output is shorted to
ground. When a short circuit forces V
OUT
to drop below 2V,
the SCCP detects the condition and limits the output
current to 600mA (typical).
Over-Temperature Protection
The over-temperature circuit helps prevent the device
from overheating and experiencing a catastrophic failure.
When the junction temperature exceeds 165°C, the device
is disabled. It remains disabled until the junction tempera-
ture drops below this threshold. Hysteresis is included
that prevents the device from re-enabling until the junc-
tion temperature is reduced by 20°C.
Capacitor Selection
The SC632 is designed to use low-ESR ceramic capacitors
for the input and output bypass capacitors as well as the
charge pump bucket capacitors. Ideal performance is
achieved when the bucket capacitors are exactly equal.
The value of input and output decoupling capacitors will
vary with system requirements. For best ripple perfor-
mance C
IN
and C
OUT
are normally 22μF and the bucket
capacitors C
1
and C
2
are 2.2μF. For low profile designs, two
10μF capacitors may be used in place of each 22μF.
Applications Information (continued)
When selecting capacitors for an application, first consider
the DC voltage characteristic of the capacitor. The value
of capacitance at the DC operating voltage may be con-
siderably lower than the rated value. The following table
lists recommended capacitor values which have been
chosen to minimize the impact of this limitation.
Table 1 — Recommended Capacitors
Capacitor
Value
μF
Case
Size
Notes
C
IN
, C
OUT
22
0805
Typical output V
PP
≤ 20mV in all
charge pump modes
Typical input ripple ≤ 100mV in all
charge pump modes
C
BUCKET
2.2
0603
Required for the full rated output
current
C
BUCKET
2.2
0402
Useful for load current up to
300mA
NOTE: Use only X5R type capacitors, with a 6.3V rating or higher
The highest capacitance values in the smallest package
sizes will tend to have poor DC voltage characteristics.
The highest value 0402 size capacitor retains as little as
35% of its rated value at 5VDC. The same value chosen in
the next larger package size, 0603, will retain about 60%
of its rated value at 5VDC.


Similar Part No. - SC632

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC632 SEMTECH-SC632 Datasheet
238Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
475Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC632AULTRT SEMTECH-SC632AULTRT Datasheet
475Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC632EVB SEMTECH-SC632EVB Datasheet
238Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
More results

Similar Description - SC632

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC632AULTRT SEMTECH-SC632AULTRT Datasheet
475Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
   Fixed 5.3V Output Charge Pump Regulator
SC631 SEMTECH-SC631 Datasheet
237Kb / 14P
   Fixed 4.4V Output Charge Pump Regulator
SC603 SEMTECH-SC603 Datasheet
793Kb / 12P
   CHARGE PUMP REGULATOR WITH SELECTABLE 5.0V/4.5V OUTPUT
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
   1MHz Fixed 3.3V Output Charge Pump Regulator
logo
Rohm
BD1603NUV ROHM-BD1603NUV Datasheet
309Kb / 6P
   Charge Pump Regulator with Selectable 5.0V/4.5V Output for mobile
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
   Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com