Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2610 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT2610
Description  7-Channel PMU for Digital Still Cameras
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2610 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT2610 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2610 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AAT2610
7-Channel PMU for Digital Still Cameras
PRODUCT DATASHEET
2610.2008.11.1.1
11
www .analogictech.com
AAT2610
7-Channel PMU for Digital Still Cameras
PRODUCT DATASHEET
2610.2008.11.1.1
11
www .analogictech.com
Typical Characteristics
SU Efficiency vs. Output Current
(VSU = 5V; L = 2.2μH; COUT = 22μF)
Output Current (mA)
1000
100
10
1
50
55
60
65
70
75
80
85
90
95
100
VBAT = 1.8V
VBAT = 2.4V
VBAT = 2.7V
VBAT = 3.0V
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.8V
VBAT = 4.2V
VBAT = 5.0V
MSD Efficiency vs. Output Current
(VPVM = VBAT; VMSD= 3.3V; L = 3.3μH; COUT = 4.7μF)
Output Current (mA)
30
1
10
100
1000
35
40
45
50
55
60
65
70
75
80
85
90
95
100
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.8V
VBAT = 4.2V
VBAT = 5.0V
MSU Efficiency vs. Output Current
(VMSU = 3.3V; L = 2.2μH; COUT = 10μF)
Output Current (mA)
1
10
100
1000
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
VBAT = 1.8V
VBAT = 2.4V
VBAT = 2.7V
VBAT = 3.0V
SD1 Efficiency vs. Output Current
(VPVSD1 = VBAT; VSD1 = 2.5V; L = 2.2μH; COUT = 10μF)
Output Current (mA)
1
10
100
1000
50
55
60
65
70
75
80
85
90
95
100
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.8V
VBAT = 4.2V
VBAT = 5.0V
SD2 Efficiency vs. Output Current
(VPVSD2 = VBAT; VSD2 = 1.8V; L = 2.2μH; COUT = 4.7μF)
Output Current (mA)
1
10
100
1000
50
55
60
65
70
75
80
85
90
95
100
VBAT = 2.0V
VBAT = 2.4V
VBAT = 2.7V
VBAT = 3.0V
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.8V
VBAT = 4.2V
VBAT = 5.0V
SD2 Efficiency vs. Output Current
(VSD2 = 1.2V; L = 2.2μH; COUT = 4.7μF)
Output Current (mA)
1
10
100
1000
50
55
60
65
70
75
80
85
90
95
VBAT = 2.0V
VBAT = 2.4V
VBAT = 2.7V
VBAT = 3.0V
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.8V
VBAT = 4.2V
VBAT = 5.0V


Similar Part No. - AAT2610

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
AAT2610IIC-T1 SKYWORKS-AAT2610IIC-T1 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
AAT2610 SKYWORKS-AAT2610_12 Datasheet
4Mb / 31P
   Seven-Channel PMU for Digital Still Cameras
More results

Similar Description - AAT2610

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610_12 Datasheet
4Mb / 31P
   Seven-Channel PMU for Digital Still Cameras
logo
Rohm
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
   Digital Still Cameras
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
logo
Sanyo Semicon Device
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
   Driver for Digital Still Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
   Digital Still Cameras
logo
OmniVision Technologies...
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
   Digital Still Cameras
logo
Sanyo Semicon Device
LB8650T SANYO-LB8650T Datasheet
73Kb / 6P
   Driver for Digital Still Cameras
logo
Maxim Integrated Produc...
MAX1802 MAXIM-MAX1802_1 Datasheet
346Kb / 7P
   Evaluation Kit for Digital Still Cameras
Rev 0; 3/01
logo
Sanyo Semicon Device
LB8655T SANYO-LB8655T Datasheet
58Kb / 5P
   Monolithic Digital IC Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com