Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1141IGV-1.8-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT1141IGV-1.8-T1
Description  Fast Transient 600mA Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1141IGV-1.8-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT1141IGV-1.8-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1141IGV-1.8-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1141IGV-1.8-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1141IGV-1.8-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1141IGV-1.8-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1141IGV-1.8-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1141IGV-1.8-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1141IGV-1.8-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1141IGV-1.8-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AAT1141
Fast Transient 600mA Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
8
1141.2008.10.1.6
www .analogictech.com
AAT1141
Fast Transient 600mA Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
8
1141.2008.10.1.6
www .analogictech.com
Typical Characteristics
Step-Down Converter Load Transient Response
(1mA to 300mA; VIN = 3.6V; VOUT = 1.0V;
COUT = 10µF; CFF = 0pF)
Time (40µs/div)
VOUT
(100mV/div)
IOUT
(100mA/div)
300mA
1.0V
1mA
Step-Down Converter Load Transient Response
(300mA to 400mA; VIN = 3.6V;
VOUT = 1.0V; COUT = 10µF; CFF = 0pF)
Time (40µs/div)
VOUT
(50mV/div)
IOUT
(100mA/div)
400mA
1.0V
300mA
Line Response
(VOUT = 1.8V @ 400mA)
Time (25
μμs/div)
1.76
1.77
1.78
1.79
1.80
1.81
1.82
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Step-Down Converter Output Ripple
(VOUT = 1.8V; VIN = 3.6V; IOUT = 1mA; L = 4.7µH;
CFF = 100pF; COUT = 4.7µF)
Time (10µs/div)
Output
Ripple
(20mV/div)
LX
(2V/div)
Inductor
Current
(100mA/div)
0mA
1.8V
1.8V
Step-Down Converter Output Ripple
(VOUT = 1.8V; VIN = 3.6V; IOUT = 600mA;
L = 4.7µH; CFF = 100pF; COUT = 4.7µF)
Time (0.5µs/div)
Output
Ripple
(20mV/div)
LX
(2V/div)
Inductor
Current
(100mA/div)
600mA
0V
1.8V


Similar Part No. - AAT1141IGV-1.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1141IGV-1.8-T1 ANALOGICTECH-AAT1141IGV-1.8-T1 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1141IGV-1.8-T1 ANALOGICTECH-AAT1141IGV-1.8-T1 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1141IGV-1.8-T1 SKYWORKS-AAT1141IGV-1.8-T1 Datasheet
2Mb / 20P
   Fast Transient 600mA Step-Down Converter
More results

Similar Description - AAT1141IGV-1.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1141 SKYWORKS-AAT1141 Datasheet
2Mb / 20P
   Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
AAT2146 ANALOGICTECH-AAT2146 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
AAT2146 ANALOGICTECH-AAT2146_08 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2146W SKYWORKS-AAT2146W Datasheet
2Mb / 18P
   Low-Noise, Fast Transient 600mA Step-Down Converter
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com