Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C331-40WMB Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C331-40WMB
Description  Asynchronous Registered EPLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C331-40WMB Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C331-40WMB Datasheet HTML 1Page - Cypress Semiconductor CY7C331-40WMB Datasheet HTML 2Page - Cypress Semiconductor CY7C331-40WMB Datasheet HTML 3Page - Cypress Semiconductor CY7C331-40WMB Datasheet HTML 4Page - Cypress Semiconductor CY7C331-40WMB Datasheet HTML 5Page - Cypress Semiconductor CY7C331-40WMB Datasheet HTML 6Page - Cypress Semiconductor CY7C331-40WMB Datasheet HTML 7Page - Cypress Semiconductor CY7C331-40WMB Datasheet HTML 8Page - Cypress Semiconductor CY7C331-40WMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CY7C331
2
I/O Resources (continued)
It should be noted that there are two ground connections (pins
8 and 21) which, together with VCC (pin 22) are located cen-
trally on the package. The reason for this placement and du-
al-ground structure is to minimize the ground-loop noise when
the outputs are driving simultaneously into a heavy capacitive
load.
The CY7C331 has twelve I/O macrocells (see
Figure 1). Each
macrocell has two D-type flip-flops. One is fed from the array,
and one from the I/O pin. For each flip-flop there are three
dedicated product terms driving the R, S, and clock inputs,
respectively. Each macrocell has one input to the array and for
each pair of macrocells there is one shared input to the array.
The macrocell input to the array may be configured to come
from the ‘Q’ output of either flip-flop.
Selection Guide
Generic Part
Number
ICC1 (mA)
tPD (ns)
tS (ns)
tCO (ns)
Com’l
Mil
Com’l
Mil
Com’l
Mil
Com’l
Mil
CY7C331–20
130
20
12
20
CY7C331–25
120
160
25
25
12
15
25
25
CY7C331–30
150
30
15
30
CY7C331–40
150
40
20
40
Pin Configuration
25
24
23
22
21
20
19
5
6
7
8
9
10
11
121314 1516 1718
4 3 2
2827 26
1
C331–2
I4
I5
I6
I7
I8
I9
GND
I/O3
I/O4
I/O5
VCC
GND
I/O6
I/O7
TopView
Figure 1. I/O Macrocell
TO PIN 14 (INVERTED)
OE PTERM
OUT SET PTERM
0
1 S
O
C0
TO I/O PIN
0
1 S
O
S
R
D Q
QB
OUTPUT FLIP–FLOP
OUT CLK PTERM
IN CLK PTERM
IN SET PTERM
OUT RESET PTERM
S
R
D
Q
QB
0
1
S
O
C1
0
1
S
O
TO INPUT BUFFER
IN RESET PTERM
XOR PTERM
OR PTERMS
INPUT MUX
TO SHARED
INPUT FLIP–FLOP
TO PIN 14 (INVERTED)
C331–3


Similar Part No. - CY7C331-40WMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C33 CYPRESS-CY7C33 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C335 CYPRESS-CY7C335 Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-100WC CYPRESS-CY7C335-100WC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-50JC CYPRESS-CY7C335-50JC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-50PC CYPRESS-CY7C335-50PC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
More results

Similar Description - CY7C331-40WMB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Xilinx, Inc
XC73144 XILINX-XC73144 Datasheet
113Kb / 11P
   High-Performance EPLD
logo
Cypress Semiconductor
CY7C335 CYPRESS-CY7C335 Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
   Ultra high-performance EPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com