Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80C320 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS80C320
Description  High-Speed/Low-Power Microcontrollers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS80C320 Datasheet HTML 3Page - Maxim Integrated Products DS80C320 Datasheet HTML 4Page - Maxim Integrated Products DS80C320 Datasheet HTML 5Page - Maxim Integrated Products DS80C320 Datasheet HTML 6Page - Maxim Integrated Products DS80C320 Datasheet HTML 7Page - Maxim Integrated Products DS80C320 Datasheet HTML 8Page - Maxim Integrated Products DS80C320 Datasheet HTML 9Page - Maxim Integrated Products DS80C320 Datasheet HTML 10Page - Maxim Integrated Products DS80C320 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
7 of 40
Figure 2. Comparative Timing of the DS80C320/DS80C323 and 80C32
DS80C320/DS80C323 TIMING
STANDARD 80C32 TIMING
HIGH-SPEED OPERATION
The DS80C320/DS80C323 are built around a high-speed, 80C32-compatible core. Higher speed comes
not just from increasing the clock frequency but also from a newer, more efficient design.
In this updated core, dummy memory cycles have been eliminated. In a conventional 80C32, machine
cycles are generated by dividing the clock frequency by 12. In the DS80C320/DS80C323, the same
machine cycle is performed in 4 clocks. Thus the fastest instruction, one machine cycle, is executed three
times faster for the same crystal frequency. Note that these are identical instructions. Figure 2 shows a
comparison of the timing differences. The majority of instructions will see the full 3-to-1 speed
improvement. Some instructions will get between 1.5X and 2.4X improvement. Note that all instructions
are faster than the original 80C51. Table 1 shows a summary of the instruction set, including the speed.
The numerical average of all op codes is approximately a 2.5-to-1 speed improvement. Individual
programs are affected differently, depending on the actual instructions used. Speed-sensitive applications
would make the most use of instructions that are three times faster. However, the sheer number of 3-to-1
improved op codes makes dramatic speed improvements likely for any code. The Dual Data Pointer
feature also allows the user to eliminate wasted instructions when moving blocks of memory.


Similar Part No. - DS80C320

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C320 DALLAS-DS80C320 Datasheet
1Mb / 42P
   High-Speed/Low-Power Micro
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320 Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
logo
Dallas Semiconductor
DS80C320-ECD DALLAS-DS80C320-ECD Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
DS80C320-ECG DALLAS-DS80C320-ECG Datasheet
1Mb / 42P
   High-Speed/Low-Power Micro
logo
Maxim Integrated Produc...
DS80C320-ECG MAXIM-DS80C320-ECG Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
More results

Similar Description - DS80C320

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320 Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
DS80C320-QCG MAXIM-DS80C320-QCG Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS89C430 DALLAS-DS89C430_07 Datasheet
310Kb / 46P
   Ultra-High-Speed Flash Microcontrollers
DS89C430 DALLAS-DS89C430 Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS89C430 MAXIM-DS89C430 Datasheet
657Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
REV: 060805
logo
Texas Instruments
MSP430 TI1-MSP430 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com