Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C331-40HMB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C331-40HMB
Description  Asynchronous Registered EPLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C331-40HMB Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C331-40HMB Datasheet HTML 3Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 4Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 5Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 6Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 7Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 8Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 9Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 10Page - Cypress Semiconductor CY7C331-40HMB Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY7C331
7
Switching Characteristics Over the Operating Range[2] (continued)
Parameter
Description
Military
–25
–30
–40
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tPD
Input to Output Propagation Delay[7]
25
30
40
ns
tICO
Input Register Clock to Output Delay[4, 8]
45
50
65
ns
tIOH
Output Data Stable Time from Input Clock[4, 8]
5
5
5
ns
tIS
Input or Feedback Set-Up Time to Input Register Clock[8]
5
5
5
ns
tIH
Input Register Hold Time from Input Clock[4, 8]
13
15
20
ns
tIAR
Input to Input Register Asynchronous Reset Delay[4, 8]
45
50
65
ns
tIRW
Input Register Reset Width[8]
45
50
65
ns
tIRR
Input Register Reset Recovery Time[8]
45
50
65
ns
tIAS
Input to Input Register Asynchronous Set Delay[8]
45
50
65
ns
tISW
Input Register Set Width[8]
45
50
65
ns
tISR
Input Register Set Recovery Time[8]
45
50
65
ns
tWH
Input and Output Clock Width High[8, 9, 10]
15
20
25
ns
tWL
Input and Output Clock Width Low[8, 9, 10]
15
20
25
ns
fMAX1
Maximum frequency with Feedback in Input Registered
Mode (1/(tICO + tIS))
[11]
20.0
18.1
14.2
MHz
fMAX2
Maximum frequency Data Path in Input Registered Mode
(Lowest of 1/tICO, 1/(tWH + tWL), or 1/(tIS + tIH)
[8]
22.2
20.0
15.3
MHz
tIOH–tIH33X
Output Data Stable from Input Clock Minus Input Register
Input Hold Time for 7C335[12, 13]
0
0
0
ns
tCO
Output Register Clock to Output Delay[9]
25
30
40
ns
tOH
Output Data Stable Time from Output Clock[9]
3
3
3
ns
tS
Output Register Input Set-Up Time to Output Clock[9]
15
15
20
ns
tH
Output Register Input Hold Time from Output Clock[9]
10
10
12
ns
tOAR
Input to Output Register Asynchronous Reset Delay[9]
25
30
40
ns
tORW
Output Register Reset Width[9]
25
30
40
ns
tORR
Output Register Reset Recovery Time[9]
25
30
40
ns
tOAS
Input to Output Register Asynchronous Set Delay[9]
25
30
40
ns
tOSW
Output Register Set Width[9]
25
30
40
ns
tOSR
Output Register Set Recovery Time[9]
25
30
40
ns
tEA
Input to Output Enable Delay[14, 15]
25
30
40
ns
tER
Input to Output Disable Delay[14, 15]
25
30
40
ns
tPZX
Pin 14 to Output Enable Delay[14, 15]
20
25
35
ns
tPXZ
Pin 14 to Output Disable Delay[14, 15]
20
25
35
ns
fMAX3
Maximum Frequency with Feedback in Output Registered
Mode )1/(tCO + tS)
[16, 17]
25.0
22.2
16.6
MHz
fMAX4
Maximum Frequency Data Path in Output Registered
Mode (Lowest of 1/tCO, 1/(tWH + tWL), or 1/(tS + tH)
[9]
33.3
25.0
20.0
MHz
tOH–tIH33X
Output Data Stable from Output Clock Minus Input Regis-
ter Input Hold Time for 7C335[13, 18]
0
0
0
ns
fMAX5
Maximum Frequency Pipelined Mode[10, 17]
28.0
23.5
18.5
MHz
Note:
18. Refer to
Figure 3, configuration 10.


Similar Part No. - CY7C331-40HMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C33 CYPRESS-CY7C33 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C335 CYPRESS-CY7C335 Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-100WC CYPRESS-CY7C335-100WC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-50JC CYPRESS-CY7C335-50JC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-50PC CYPRESS-CY7C335-50PC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
More results

Similar Description - CY7C331-40HMB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Xilinx, Inc
XC73144 XILINX-XC73144 Datasheet
113Kb / 11P
   High-Performance EPLD
logo
Cypress Semiconductor
CY7C335 CYPRESS-CY7C335 Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
   Ultra high-performance EPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com