Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C331-30WMB Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C331-30WMB
Description  Asynchronous Registered EPLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C331-30WMB Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C331-30WMB Datasheet HTML 1Page - Cypress Semiconductor CY7C331-30WMB Datasheet HTML 2Page - Cypress Semiconductor CY7C331-30WMB Datasheet HTML 3Page - Cypress Semiconductor CY7C331-30WMB Datasheet HTML 4Page - Cypress Semiconductor CY7C331-30WMB Datasheet HTML 5Page - Cypress Semiconductor CY7C331-30WMB Datasheet HTML 6Page - Cypress Semiconductor CY7C331-30WMB Datasheet HTML 7Page - Cypress Semiconductor CY7C331-30WMB Datasheet HTML 8Page - Cypress Semiconductor CY7C331-30WMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CY7C331
4
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................. –65
°C to +150°C
Ambient Temperature with
Power Applied .............................................. –55
°C to +125°C
Supply Voltage to Ground Potential
(Pin 28 to Pin 8 or 21) .................................... –0.5V to +7.0V
DC Input Voltage............................................ –3.0V to +7.0V
Output Current into Outputs (LOW) .............................12 mA
Static Discharge Voltage............................................>1500V
(per MIL-STD-883, Method 3015)
Latch-Up Current .....................................................>200 mA
DC Programming Voltage ............................................ 13.0 V
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Military[1]
–55
°C to +125°C
5V
± 10%
Electrical Characteristics Over the Operating Range[2]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., VIN = VIH or VIL
IOH = –3.2 mA (Com’l), IOH = –2 mA (Mil)
2.4
V
VOL
Output LOW Voltage
VCC = Min., VIN = VIH or VIL
IOL = 12 mA (Com’l), IOL = 8 mA (Mil)
0.5
V
VIH
Input HIGH Voltage
Guaranteed HIGH Input, all Inputs[3]
2.2
V
VIL
Input LOW Voltage
Guaranteed LOW Input, all Inputs[3]
0.8
V
IIX
Input Leakage Current
VSS < VIN < VCC, VCC = Max.
–10
+10
µA
IOZ
Output Leakage Current
VSS < VOUT < VCC, VCC = Max.
–40
+40
µA
ISC
Output Short Circuit
Current[4]
VCC = Max., VOUT = 0.5V
[5]
–30
–90
mA
ICC1
Standby Power Supply
Current
VCC = Max., VIN = GND,
Outputs Open
Com’l –20
130
mA
Com’l –25
120
Mil –25
160
mA
Mil –30, –40
150
ICC2
Power Supply Current at
Frequency[4, 6]
VCC = Max., Outputs Disabled
(in High Z State)
Device Operating at fMAX External (fMAX1)
Com’l
180
mA
Mil
200
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 2.0V at f = 1 MHz
10
pF
COUT
Output Capacitance
VOUT = 2.0V at f = 1 MHz
10
pF
Notes:
1.
TA is the “instant on” case temperature.
2.
See the last page of this specification for Group A subgroup testing information.
3.
These are absolute values with respect to device ground and all overshoots due to system or tester noise are included.
4.
Tested initially and after any design or process changes that may affect these parameters.
5.
Not more than one output should be tested at a time. Duration of the short circuit should not be more than one second. VOUT = 0.5V has been chosen to avoid
test problems caused by tester ground degradation.
6.
Because these input signals are controlled by product terms, active input polarity may be of either polarity. Internal active input polarity has been shown for
clarity.


Similar Part No. - CY7C331-30WMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C33 CYPRESS-CY7C33 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C335 CYPRESS-CY7C335 Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-100WC CYPRESS-CY7C335-100WC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-50JC CYPRESS-CY7C335-50JC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C335-50PC CYPRESS-CY7C335-50PC Datasheet
497Kb / 17P
   Universal Synchronous EPLD
More results

Similar Description - CY7C331-30WMB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Xilinx, Inc
XC73144 XILINX-XC73144 Datasheet
113Kb / 11P
   High-Performance EPLD
logo
Cypress Semiconductor
CY7C335 CYPRESS-CY7C335 Datasheet
497Kb / 17P
   Universal Synchronous EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
   Ultra high-performance EPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com