Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C335-66PC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C335-66PC
Description  Universal Synchronous EPLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C335-66PC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C335-66PC Datasheet HTML 4Page - Cypress Semiconductor CY7C335-66PC Datasheet HTML 5Page - Cypress Semiconductor CY7C335-66PC Datasheet HTML 6Page - Cypress Semiconductor CY7C335-66PC Datasheet HTML 7Page - Cypress Semiconductor CY7C335-66PC Datasheet HTML 8Page - Cypress Semiconductor CY7C335-66PC Datasheet HTML 9Page - Cypress Semiconductor CY7C335-66PC Datasheet HTML 10Page - Cypress Semiconductor CY7C335-66PC Datasheet HTML 11Page - Cypress Semiconductor CY7C335-66PC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY7C335
8
Commercial AC Characteristics
7C335–100
7C335–83
7C335–66
7C335–50
Parameter
Description
Min.
Max.
Min.
Max.
Min. Max.
Min.
Max.
Unit
Combinatorial Mode Parameters
tPD
Input to Output Propagation Delay
15
15
20
25
ns
tEA
Input to Output Enable
15
15
20
25
ns
tER
Input to Output Disable
15
15
20
25
ns
Input Registered Mode Parameters
tWH
Input and Output Clock Width HIGH[5]
4
5
6
8
ns
tWL
Input and Output Clock Width LOW[5]
4
5
6
8
ns
tIS
Input or Feedback Set-Up Time to Input Clock
2
2
2
3
ns
tIH
Input Register Hold Time from Input Clock
2
2
2
3
ns
tICO
Input Register Clock to Output Delay
18
18
20
25
ns
tIOH
Output Data Stable Time from Input Clock
3
3
3
3
ns
tIOH – tIH
33x
Output Data Stable from Input Clock Minus Input
Register Hold Time for 7C335[6]
0
0
0
0
ns
tPZX
Pin 14 Enable to Output Enabled
12
12
15
20
ns
tPXZ
Pin 14 Disable to Output Disabled
12
12
15
20
ns
fMAX1
Maximum Frequency of (2) CY7C335s in Input Reg-
istered Mode (Lowest of 1/(tICO+tIS) &
1/(tWL+tWH))
[5]
50
50
45.4
35.7
MHz
fMAX2
Maximum Frequency Data Path in Input Registered
Mode (Lowest of (1/(tICO), 1/(tWH+tWL),
1/(tIS+tIH))
[5]
55.5
55.5
50
40
MHz
tICEA
Input Clock to Output Enabled
17
17
20
25
ns
tICER
Input Clock to Output Disabled
15
15
20
25
ns
Output Registered Mode Parameters
tCEA
Output Clock to Output Enabled[5]
17
17
20
25
ns
tCER
Output Clock to Output Disabled[5]
15
15
20
25
ns
tS
Output Register Input Set-Up Time from Output
Clock
8
9
12
15
ns
tH
Output Register Input Hold Time from Output Clock
0
0
0
0
ns
tCO
Output Register Clock to Output Delay
9
10
12
15
ns
tCO2
Input Output Register Clock or Latch Enable to
Combinatorial Output Delay (Through Logic Array)[5]
17
18
23
30
ns
tOH
Output Data Stable Time from Output Clock
2
2
2
2
ns
tOH2
Output Data Stable Time From Output Clock
(Through Memory Array)[5]
3
3
3
3
ns
tOH2–tIH
Output Data Clock Stable Time From Output Clock
Minus Input Register Hold Time[5]
0
0
0
0
ns
fMAX3
Maximum Frequency with Internal Feedback in Out-
put Registered Mode[5]
100
83.3
66.6
50
MHz
fMAX4
Maximum Frequency of (2) CY7C335s in Output
Registered Mode (Lowest of 1/(tCO + tS) & 1/(tWL +
tWH))
[5]
58.8
50
41.6
33.3
MHz
fMAX5
Maximum Frequency Data Path in Output Regis-
tered Mode (Lowest of 1/(tCO), 1/(tWL + tWH), 1/(tS +
tH))
[5]
111
100
83.3
62.5
MHz
tOH – tIH
33x
Output Data Stable from Output Clock Minus Input
Register Hold Time for 7C335[6]
0
0
0
0
ns


Similar Part No. - CY7C335-66PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C33 CYPRESS-CY7C33 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C331 CYPRESS-CY7C331 Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20HC CYPRESS-CY7C331-20HC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20JC CYPRESS-CY7C331-20JC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20PC CYPRESS-CY7C331-20PC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
More results

Similar Description - CY7C335-66PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Xilinx, Inc
XC73144 XILINX-XC73144 Datasheet
113Kb / 11P
   High-Performance EPLD
logo
Cypress Semiconductor
CY7C331 CYPRESS-CY7C331 Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
   Ultra high-performance EPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com