Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME102.030A03F Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # ME102.030A03F
Description  Preset counters mechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ME102.030A03F Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  ME102.030A03F Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG ME102.030A03F Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG ME102.030A03F Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG ME102.030A03F Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Preset counters mechanic
3
www.baumerivo.com
www.baumerivo.com
ME102, UE102
Meter and revolution counters, subtracting
Display 4-digits, manual reset by button
Part number
ME102.0
0
Measuring range / trigger
A 9999 m / contact at 0000
B 999.9 m / contact
at 0000
C 99.99 m / Contact
at 0000
D 8999 m / Contact at 9999
E 899.9 m / Contact
at 9999
F 89.99 m / Contact
at 9999
G 8999 m / Contact at
9999, with precontact
H 899.9 m / Contact at
9999, with precontact
I 89.99 m / Contact at
9999, with precontact
Count mode /Direction of
rotation
03 5 revs. = 100 digits / I
04 5 revs. = 100 digits / II
09 5 revs. = 10 digits / I
10 5 revs. = 10 digits / II
15 5 revs. = 1 digit / I
16 5 revs. = 1 digit / II
21 50 revs. = 1 digit x 10 / I
22 50 revs. = 1 digit x 10 / II
Housing
A Grey, cable 0.3 m / without
precontact
B Grey, cable 0.3 m / with precontact
Trigger
1 Permanent contact at 0000
2 Permanent contact at 9999
3 Permanent contact at 9999, permanent
precontact as momentary contact
UE102.0
0
Measuring range / trigger
A 9999 m / contact at 0000
D 8999 m / Contact at 9999
G 8999 m / Contact at
9999, with precontact
Count mode /Direction of
rotation
05 1 rev. = 10 digits / I
06 1 rev. = 10 digits / II
11 1 rev. = 1 digit / I
12 1 rev. = 1 digit / II
Housing
A Grey, cable 0.3 m / without
precontact
E Grey, cable 1.0 m / with precontact
Trigger
1 Permanent contact at 0000
2 Permanent contact at 9999
3 Permanent contact at 9999, permanent
precontact as momentary contact
Meter counter
Revolution counter


Similar Part No. - ME102.030A03F

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME10 SLPOWER-ME10 Datasheet
655Kb / 4P
   10W-12W Single Output External Power Medical Series
logo
Schneider Electric
ME10 SCHNEIDER-ME10 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Altech corporation
ME10010030 ALTECH-ME10010030 Datasheet
306Kb / 2P
   ME252015
ME1006030 ALTECH-ME1006030 Datasheet
306Kb / 2P
   ME252015
ME1008030 ALTECH-ME1008030 Datasheet
306Kb / 2P
   ME252015
More results

Similar Description - ME102.030A03F

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
   Preset counters mechanic
ME230 IVO-ME230 Datasheet
330Kb / 2P
   Preset counters mechanic
ME280 IVO-ME280 Datasheet
322Kb / 2P
   Preset counters mechanic
ME282PTB IVO-ME282PTB Datasheet
312Kb / 2P
   Preset counters mechanic
NE212 IVO-NE212 Datasheet
565Kb / 4P
   Preset counters electronic
NE134 IVO-NE134 Datasheet
428Kb / 2P
   Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
NE218 IVO-NE218 Datasheet
451Kb / 2P
   Preset counters electronic
FS304 IVO-FS304 Datasheet
507Kb / 4P
   Preset counters electromechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com