Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C335-83QMB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C335-83QMB
Description  Universal Synchronous EPLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C335-83QMB Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C335-83QMB Datasheet HTML 3Page - Cypress Semiconductor CY7C335-83QMB Datasheet HTML 4Page - Cypress Semiconductor CY7C335-83QMB Datasheet HTML 5Page - Cypress Semiconductor CY7C335-83QMB Datasheet HTML 6Page - Cypress Semiconductor CY7C335-83QMB Datasheet HTML 7Page - Cypress Semiconductor CY7C335-83QMB Datasheet HTML 8Page - Cypress Semiconductor CY7C335-83QMB Datasheet HTML 9Page - Cypress Semiconductor CY7C335-83QMB Datasheet HTML 10Page - Cypress Semiconductor CY7C335-83QMB Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY7C335
7
AC Test Loads and Waveforms (Commercial)
5V
OUTPUT
INCLUDING
JIG AND
SCOPE
50pF
(a)
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
≤ 3ns
≤ 3ns
(b)
C335–8
C335–9
C335–10
OUTPUT
(c) Thévenin Equivalent (Load 1)
VTH =2.00V
(2.02VMIL)
C = 50 pF
R=125
Ω (190Ω MIL)
OUTPUT
(d) Three-state Delay Load (Load2)
VX
C= 5 pF
0V
0V
C335–11
R1 313
(470
Ω MIL/IND)
R2 208
(319
Ω Mil/Ind)
R=125
Ω (190Ω MIL)
0V
0V
Figure 5. Test Waveforms
Parameter
VX
Output Waveform Measurement Level
tPXZ (–)
1.5V
VOH
0.5V
VX
0.5V
tPXZ (+)
2.6V
VOL
VX
tPZX (+)
Vth
0.5V
tPZX (–)
Vth
VX
VOL
0.5V
VX
VOH
C335–12
C335–13
C335–14
C335–15
0.5V
0.5V
0.5V
0.5V
tCER (–)
1.5V
VOH
VX
tCER (+)
2.6V
VOL
VX
tCEA (+)
Vth
tCEA (–)
Vth
VX
VOL
VX
VOH
C335–16
C335–17
C335–18
C335–19


Similar Part No. - CY7C335-83QMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C33 CYPRESS-CY7C33 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C331 CYPRESS-CY7C331 Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20HC CYPRESS-CY7C331-20HC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20JC CYPRESS-CY7C331-20JC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C331-20PC CYPRESS-CY7C331-20PC Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
More results

Similar Description - CY7C335-83QMB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Xilinx, Inc
XC73144 XILINX-XC73144 Datasheet
113Kb / 11P
   High-Performance EPLD
logo
Cypress Semiconductor
CY7C331 CYPRESS-CY7C331 Datasheet
437Kb / 18P
   Asynchronous Registered EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
   Ultra high-performance EPLD
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com