Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCLAMP0524P.TCT Datasheet(PDF) 2 Page - Semtech Corporation

Part # UCLAMP0524P.TCT
Description  Low Voltage TVS for ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UCLAMP0524P.TCT Datasheet(HTML) 2 Page - Semtech Corporation

  UCLAMP0524P.TCT Datasheet HTML 1Page - Semtech Corporation UCLAMP0524P.TCT Datasheet HTML 2Page - Semtech Corporation UCLAMP0524P.TCT Datasheet HTML 3Page - Semtech Corporation UCLAMP0524P.TCT Datasheet HTML 4Page - Semtech Corporation UCLAMP0524P.TCT Datasheet HTML 5Page - Semtech Corporation UCLAMP0524P.TCT Datasheet HTML 6Page - Semtech Corporation UCLAMP0524P.TCT Datasheet HTML 7Page - Semtech Corporation UCLAMP0524P.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
 2006 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
uClamp0524P
Absolute Maximum Rating
Electrical Characteristics (T=25oC)
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
s
µ
0
2
/
8
=
p
t
(
r
e
w
o
P
e
s
l
u
P
k
a
e
PP
k
p
0
4
2s
t
t
a
W
(
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
m
u
m
i
x
a
M)
s
µ
0
2
/
8
=
p
tI
p
p
6
1s
p
m
A
)
ri
A
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
)
t
c
a
t
n
o
C
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
V
P
P
0
2
-
/
+
5
1
-
/
+
V
k
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-C
°
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
5V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=6
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
5
=5
A
µ
e
g
a
tl
o
V
d
r
a
w
r
o
FV
F
I
F
A
m
0
1
=0
8
.
0V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
t
,
A
5
=
p
s
µ
0
2
/
8
=8
.
9V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
t
,
A
6
1
=
p
s
µ
0
2
/
8
=5
.
2
1V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
V
R
z
H
M
1
=
f
,
V
0
=0
6
1F
p


Similar Part No. - UCLAMP0524P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0501H SEMTECH-UCLAMP0501H Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP0501H.TCT SEMTECH-UCLAMP0501H.TCT Datasheet
91Kb / 6P
   關ClampTM 1-Line ESD protection
UCLAMP0501P SEMTECH-UCLAMP0501P Datasheet
168Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0501P.TCT SEMTECH-UCLAMP0501P.TCT Datasheet
168Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0501T SEMTECH-UCLAMP0501T Datasheet
175Kb / 8P
   Low Profile 關ClampTM 1-Line ESD protection
More results

Similar Description - UCLAMP0524P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP3305P SEMTECH-UCLAMP3305P Datasheet
200Kb / 8P
   Low Voltage TVS for ESD Protection
logo
Weitron Technology
ESD3305B6E WEITRON-ESD3305B6E Datasheet
370Kb / 3P
   Low Voltage TVS for ESD Protection
logo
Semtech Corporation
UCLAMP3306P SEMTECH-UCLAMP3306P Datasheet
201Kb / 8P
   Low Voltage TVS for ESD Protection
UCLAMP3324P SEMTECH-UCLAMP3324P Datasheet
178Kb / 6P
   Low Voltage TVS for ESD Protection
logo
Pan Jit International I...
PJESD5V6LC-4 PANJIT-PJESD5V6LC-4 Datasheet
262Kb / 4P
   Low capacitance TVS arrays for ESD protection
PJESD5V6LC-2W PANJIT-PJESD5V6LC-2W Datasheet
167Kb / 3P
   Low capacitance TVS arrays for ESD protection
logo
StarHope
TLSD2.8GU SPSEMI-TLSD2.8GU Datasheet
530Kb / 3P
   Low Voltage TVS Diode For ESD and Latch-Up Protection
logo
Semtech Corporation
SLVDA2.8 SEMTECH-SLVDA2.8 Datasheet
155Kb / 6P
   Low Voltage TVS Diode Array For ESD&Latch-up Protection
logo
Pan Jit International I...
PJSD05U10LCFN2 PANJIT-PJSD05U10LCFN2 Datasheet
338Kb / 5P
   LOW CAPACITANCE TVS/ESD PROTECTION
PJSD05U06LCFN2 PANJIT-PJSD05U06LCFN2 Datasheet
289Kb / 5P
   LOW CAPACITANCE TVS/ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com