Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VND600SP13TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND600SP13TR
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND600SP13TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND600SP13TR Datasheet HTML 6Page - STMicroelectronics VND600SP13TR Datasheet HTML 7Page - STMicroelectronics VND600SP13TR Datasheet HTML 8Page - STMicroelectronics VND600SP13TR Datasheet HTML 9Page - STMicroelectronics VND600SP13TR Datasheet HTML 10Page - STMicroelectronics VND600SP13TR Datasheet HTML 11Page - STMicroelectronics VND600SP13TR Datasheet HTML 12Page - STMicroelectronics VND600SP13TR Datasheet HTML 13Page - STMicroelectronics VND600SP13TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10/18
VND600SP
1
1
High Level Input Current
Input Clamp Voltage
Off State Output Current
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Iih (uA)
Vin=3.25V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
6
6.2
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
Vicl (V)
Iin=1mA
Input High Level
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Vih (V)
Input Hysteresis Voltage
Input Low Level
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Vil (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Vhyst (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
IL(off1) (uA)
Off state
Vcc=36V
Vin=Vout=0V


Similar Part No. - VND600SP13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND600SP-E STMICROELECTRONICS-VND600SP-E Datasheet
412Kb / 27P
   Double channel high-side driver
VND600SPTR-E STMICROELECTRONICS-VND600SPTR-E Datasheet
412Kb / 27P
   Double channel high-side driver
More results

Similar Description - VND600SP13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND600PEP STMICROELECTRONICS-VND600PEP Datasheet
239Kb / 11P
   DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
VND600 STMICROELECTRONICS-VND600 Datasheet
236Kb / 18P
   DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
VND830ASP STMICROELECTRONICS-VND830ASP Datasheet
303Kb / 17P
   DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
VND920-E STMICROELECTRONICS-VND920-E Datasheet
228Kb / 19P
   DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
October 2004 Rev. 1
VND830ASPTR-E STMICROELECTRONICS-VND830ASPTR-E Datasheet
367Kb / 27P
   Double channel high-side solid state relay
VND920 STMICROELECTRONICS-VND920 Datasheet
324Kb / 18P
   DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
VND920P STMICROELECTRONICS-VND920P Datasheet
325Kb / 18P
   DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
VND600P-E STMICROELECTRONICS-VND600P-E Datasheet
380Kb / 26P
   Double channel high-side solid state relay
September 2013 Rev 2
VND10B STMICROELECTRONICS-VND10B Datasheet
186Kb / 11P
   DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
VND10B STMICROELECTRONICS-VND10B_04 Datasheet
213Kb / 13P
   DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com