Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS24C.TCT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SMS24C.TCT
Description  TVS Diode Array For ESD and Latch-Up Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMS24C.TCT Datasheet(HTML) 1 Page - Semtech Corporation

  SMS24C.TCT Datasheet HTML 1Page - Semtech Corporation SMS24C.TCT Datasheet HTML 2Page - Semtech Corporation SMS24C.TCT Datasheet HTML 3Page - Semtech Corporation SMS24C.TCT Datasheet HTML 4Page - Semtech Corporation SMS24C.TCT Datasheet HTML 5Page - Semtech Corporation SMS24C.TCT Datasheet HTML 6Page - Semtech Corporation SMS24C.TCT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.semtech.com
PROTECTION PRODUCTS
SMS05C through SMS24C
TVS Diode Array
For ESD and Latch-Up Protection
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20µs)
Small package for use in portable electronics
Protects five I/O lines
Working voltages: 5V, 12V, 15V and 24V
Low leakage current
Low operating and clamping voltages
Solid-state silicon avalanche technology
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 08/11/04
Applications
Mechanical Characteristics
The SMS series of TVS arrays are designed to protect
sensitive electronics from damage or latch-up due to
ESD and other voltage-induced transient events. Each
device will protect up to five lines. They are available
with operating voltages of 5V, 12V, 15V and 24V. They
are unidirectional devices and may be used on lines
where the signal polarities are above ground.
TVS diodes are solid-state devices designed specifically
for transient suppression. They feature large cross-
sectional area junctions for conducting high transient
currents. They offer desirable characteristics for board
level protection including fast response time, low
operating and clamping voltage and no device degrada-
tion.
The SMS series devices may be used to meet the
immunity requirements of IEC 61000-4-2, level 4. The
low cost SOT23-6L package makes them ideal for use
in portable electronics such as cell phones, PDA’s, and
notebook computers.
SOT23-6L (Top View)
EIAJ SOT23-6L package
Molding compound flammability rating: UL 94V-0
Marking : Marking Code
Packaging : Tape and Reel per EIA 481
Cell phone Handsets and Accessories
Microprocessor Based Equipment
Personal Digital Assistants (PDA’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Set Top Box
Peripherals
MP3 Players
Cordless Phones


Similar Part No. - SMS24C.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS24C SEMTECH-SMS24C Datasheet
164Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS24C MICROSEMI-SMS24C Datasheet
186Kb / 2P
   4 LINE BIDIRECTIONAL TVSarray
logo
ON Semiconductor
SMS24C ONSEMI-SMS24C Datasheet
112Kb / 6P
   5-Line Transient Voltage Suppressor Array
February, 2005 ??Rev. 5
logo
Protek Devices
SMS24C PROTEC-SMS24C Datasheet
707Kb / 8P
   MULTI-LINE TVS ARRAY
SMS24C PROTEC-SMS24C Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
More results

Similar Description - SMS24C.TCT

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection?
SMS05 SEMTECH-SMS05 Datasheet
161Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
SMS05C SEMTECH-SMS05C Datasheet
164Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
SMF05C SEMTECH-SMF05C Datasheet
151Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
SMF05C SEMTECH-SMF05C_04 Datasheet
153Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com