Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLVU2.8-4 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SLVU2.8-4
Description  EPD TVS Diode Array For ESD and Latch-Up Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SLVU2.8-4 Datasheet(HTML) 3 Page - Semtech Corporation

  SLVU2.8-4 Datasheet HTML 1Page - Semtech Corporation SLVU2.8-4 Datasheet HTML 2Page - Semtech Corporation SLVU2.8-4 Datasheet HTML 3Page - Semtech Corporation SLVU2.8-4 Datasheet HTML 4Page - Semtech Corporation SLVU2.8-4 Datasheet HTML 5Page - Semtech Corporation SLVU2.8-4 Datasheet HTML 6Page - Semtech Corporation SLVU2.8-4 Datasheet HTML 7Page - Semtech Corporation SLVU2.8-4 Datasheet HTML 8Page - Semtech Corporation SLVU2.8-4 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PRELIMINARY
PROTECTION PRODUCTS
SLVU2.8-4
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Power Derating Curve
Pulse Waveform
Clamping Voltage vs. Peak Pulse Current
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Tim e (µs)
e-t
td = IPP/2
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (µs)
0
2
4
6
8
10
12
14
0
5
10
15
20
25
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
CH1
S21 LOG
10 dB/
REF 0 dB
START .030 000 MHz
STOP 3 000. 000 000 MHz
Insertion Loss S21
Normalized Capacitance vs. Reverse Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
00.511.522.5
3
Reverse Voltage - VR (V)
f = 1 MHz


Similar Part No. - SLVU2.8-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Shanghai Leiditech Elec...
SLVU2.8-4 LEIDITECH-SLVU2.8-4 Datasheet
858Kb / 4P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Applied Power Microelec...
SLVU2.8-4 APMICRO-SLVU2.8-4 Datasheet
764Kb / 5P
   2.8V TVS Array For ESD and Latch-Up Protection
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4 Datasheet
696Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - SLVU2.8-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8-8 SEMTECH-SLVU2.8-8 Datasheet
238Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Samtec, Inc
SLVU2.8-4.TBT SAMTEC-SLVU2.8-4.TBT Datasheet
204Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Semtech Corporation
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
   EPD TVS??Diodes For ESD and Latch-Up Protection
SLVU2.8 SEMTECH-SLVU2.8 Datasheet
168Kb / 10P
   Low Voltage EPD TVS Diode For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com