Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNP14NV04 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNP14NV04
Description  ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNP14NV04 Datasheet(HTML) 4 Page - STMicroelectronics

  VNP14NV04 Datasheet HTML 1Page - STMicroelectronics VNP14NV04 Datasheet HTML 2Page - STMicroelectronics VNP14NV04 Datasheet HTML 3Page - STMicroelectronics VNP14NV04 Datasheet HTML 4Page - STMicroelectronics VNP14NV04 Datasheet HTML 5Page - STMicroelectronics VNP14NV04 Datasheet HTML 6Page - STMicroelectronics VNP14NV04 Datasheet HTML 7Page - STMicroelectronics VNP14NV04 Datasheet HTML 8Page - STMicroelectronics VNP14NV04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4/29
VNB14NV04 / VND14NV04 / VND14NV04-1 / VNP14NV04 / VNS14NV04
ELECTRICAL CHARACTERISTICS (continued) (Tj=25°C, unless otherwise specified)
DYNAMIC
SWITCHING
SOURCE DRAIN DIODE
PROTECTIONS (-40°C < Tj < 150°C, unless otherwise specified)
(*) Pulsed: Pulse duration = 300
µs, duty cycle 1.5%
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
gfs (*)
Forward
Transconductance
VDD=13V; ID=7A
18
S
COSS
Output Capacitance
VDS=13V; f=1MHz; VIN=0V
400
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time
VDD=15V; ID=7A
Vgen=5V; Rgen=RIN MIN=10Ω
(see figure 1)
80
250
ns
tr
Rise Time
350
1000
ns
td(off)
Turn-off Delay Time
450
1350
ns
tf
Fall Time
150
500
ns
td(on)
Turn-on Delay Time
VDD=15V; ID=7A
Vgen=5V; Rgen=2.2KΩ
(see figure 1)
1.5
4.5
µs
tr
Rise Time
9.7
30.0
µs
td(off)
Turn-off Delay Time
9
25.0
µs
tf
Fall Time
10.2
30.0
µs
(di/dt)on
Turn-on Current Slope
VDD=15V; ID=7A
Vgen=5V; Rgen=RIN MIN=10Ω
16
A/
µs
Qi
Total Input Charge
VDD=12V; ID =7A; VIN=5V; Igen=2.13mA
(see figure 5)
36.8
nC
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSD (*)
Forward On Voltage
ISD =7A; VIN=0V
0.8
V
trr
Reverse Recovery Time
ISD=7A; di/dt=40A/µs
VDD=30V; L=200µH
(see test circuit, figure 2)
300
ns
Qrr
Reverse Recovery Charge
0.8
µC
IRRM
Reverse Recovery Current
5
A
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Ilim
Drain Current Limit
VIN=5V; VDS=13V
12
18
24
A
tdlim
Step Response Current
Limit
VIN=5V; VDS=13V
45
µs
Tjsh
Overtemperature
Shutdown
150
175
200
°C
Tjrs
Overtemperature Reset
135
°C
Igf
Fault Sink Current
VIN=5V; VDS=13V; Tj=Tjsh
10
15
20
mA
Eas
Single Pulse
Avalanche Energy
starting Tj=25°C; VDD =24V
VIN= 5V; Rgen=RIN MIN=10Ω; L=24mH
(see figures 3 & 4)
400
mJ
2


Similar Part No. - VNP14NV04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNP14NV04 STMICROELECTRONICS-VNP14NV04 Datasheet
388Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNP14NV04-E STMICROELECTRONICS-VNP14NV04-E Datasheet
1Mb / 31P
   fully autoprotected Power MOSFET
More results

Similar Description - VNP14NV04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNS3NV04D STMICROELECTRONICS-VNS3NV04D Datasheet
241Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNB35NV04TR-E STMICROELECTRONICS-VNB35NV04TR-E Datasheet
414Kb / 19P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D13TR STMICROELECTRONICS-VNS1NV04D13TR Datasheet
249Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
September 2013 Rev 4
VND1NV04 STMICROELECTRONICS-VND1NV04 Datasheet
392Kb / 18P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNB14NV04 STMICROELECTRONICS-VNB14NV04_04 Datasheet
388Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D-E STMICROELECTRONICS-VNS1NV04D-E Datasheet
252Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNN7NV04 STMICROELECTRONICS-VNN7NV04 Datasheet
488Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D STMICROELECTRONICS-VNS1NV04D Datasheet
244Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNN3NV04 STMICROELECTRONICS-VNN3NV04 Datasheet
418Kb / 21P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNP49N04FI STMICROELECTRONICS-VNP49N04FI Datasheet
133Kb / 14P
   ?쏰MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com