Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDC15 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SDC15
Description  TVS Diode Array for ESD Protection of 12V Data and Power Lines
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SDC15 Datasheet(HTML) 4 Page - Semtech Corporation

  SDC15 Datasheet HTML 1Page - Semtech Corporation SDC15 Datasheet HTML 2Page - Semtech Corporation SDC15 Datasheet HTML 3Page - Semtech Corporation SDC15 Datasheet HTML 4Page - Semtech Corporation SDC15 Datasheet HTML 5Page - Semtech Corporation SDC15 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SDC15
Device Connection for Protection of One Data Line
The SDC15 is designed to protect one data or I/O line
operating at ±12 volts. Connection options are as
follows:
Common mode protection: Pin 1 is connected to
the data line and pin 2 is connected to ground. For
best results, this pin should be connected directly
to a ground plane on the board. The path length
should be kept as short as possible to minimize
parasitic inductance. Pin 3 is not connected.
Differential protection: Pin 1 is connected to one
line and pin 2 is connected to the second line. Pin
3 is not connected.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of fast rise-time transients such as ESD. The following
guidelines are recommended:
Place the SDC15 near the input terminals or
connectors to restrict transient coupling.
Minimize the path length between the SDC15 and
the protected line.
Minimize all conductive loops including power and
ground loops.
The ESD transient return path to ground should be
kept as short as possible.
Never run critical signals near board edges.
Use ground planes whenever possible.
Matte Tin Lead Finish
Matte tin has become the industry standard lead-free
replacement for SnPb lead finishes. A matte tin finish
is composed of 100% tin solder with large grains.
Since the solder volume on the leads is small com-
pared to the solder paste volume that is placed on the
land pattern of the PCB, the reflow profile will be
determined by the requirements of the solder paste.
Therefore, these devices are compatible with both
lead-free and SnPb assembly techniques. In addition,
unlike other lead-free compositions, matte tin does not
have any added alloys that can cause degradation of
the solder joint.
Device Schematic and Pin Configuration
RS-232 Transceiver Protection Example
Applications Information


Similar Part No. - SDC15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SDC15 SEMTECH-SDC15 Datasheet
158Kb / 6P
   TVS Diode Array for ESD Protection of 12V Data & Power Lines
logo
Samtec, Inc
SDC15.TCT SAMTEC-SDC15.TCT Datasheet
147Kb / 6P
   TVS Diode Array for ESD Protection of 12V Data and Power Lines
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
SDC1576Z4-E1 SDC-SDC1576Z4-E1 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
SDC1576Z4-G1 SDC-SDC1576Z4-G1 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
More results

Similar Description - SDC15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSDC15 PANJIT-PJSDC15 Datasheet
241Kb / 4P
   TVS DIODE ARRAY FOR ESD PROTECTION OF 12V DATA AND POWER LINES
logo
Samtec, Inc
SDC15.TCT SAMTEC-SDC15.TCT Datasheet
147Kb / 6P
   TVS Diode Array for ESD Protection of 12V Data and Power Lines
logo
Semtech Corporation
SDC15 SEMTECH-SDC15 Datasheet
158Kb / 6P
   TVS Diode Array for ESD Protection of 12V Data & Power Lines
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines????
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
   Unidirectional TVS Array for Protection of Four Lines
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
   Bidirectional TVS Array for Protection of Eight Lines????
SMDA05-6 SEMTECH-SMDA05-6 Datasheet
158Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05-6 SEMTECH-SMDA05-6_06 Datasheet
160Kb / 6P
   Unidirectional TVS Array for Protection of Six Lines
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
   Bidirectional TVS Array for Protection of Five Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
   Bidirectional TVS Array for Protection of Five Lines
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com