Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X700.113250 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # X700.113250
Description  Incremental encoders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

X700.113250 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  X700.113250 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG X700.113250 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumerivo.com
Incremental encoders
1
www.baumerivo.com
www.baumerivo.com
X 700 with EX-proof housing
Features
Encoder incremental / ATEX
Optical sensing
Resolution max. 5000 ppr
Clamping flange / shaft ø10 mm
Explosion-proof in line with EEx d IIC T4
Area of application: EX I/II 2 GD / ATEX 133213X
Material stainless steel
Technical data - electrical ratings
Voltage supply
4.75...30 VDC
Reverse polarity protection Yes
Consumption w/o load
≤50 mA
Resolution (steps/turn)
5...5000
Reference signal
Zero pulse, width 90°
Sensing method
Optical
Output frequency
≤300 kHz
Output signals
A 90° B, N + inverted
Output circuit
Push-pull short-circuit proof
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
X 700 - incremental
Technical data - mechanical design
Housing
ø70 mm
Shaft
ø10 mm (clamping flange)
Flange
Clamping flange
Protection DIN EN 60529 IP 67
Operating speed
≤6000 rpm
Starting torque
≤0.04 Nm
Admitted shaft load
≤60 N axial
≤50 N radial
Materials
Housing: stainless steel
Flange: stainless steel
Operating temperature
-25...+70 °C
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 12-2000 Hz
DIN EN 60068-2-27
Shock 100 g, 6 ms
Weight approx.
1300 g
E-connection
Cable 2 m (other length upon
request)
EX approval ATEX EEx d IIC T4
Resolution 5...5000 pulses
90°
Track A
Track A
Track B
Track B
Zero pulse
Zero pulse
Clockwise rotating direction when looking at flange.
Optional: other reference impulse.
Output signals


Similar Part No. - X700.113250

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
X700.111205 IVO-X700.111205 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
X700.111215 IVO-X700.111215 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
X700.1112A5 IVO-X700.1112A5 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
X700.1112B5 IVO-X700.1112B5 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
X700.111905 IVO-X700.111905 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
More results

Similar Description - X700.113250

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com