Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCD41.022PX01 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # PCD41.022PX01
Description  Process displays electronic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

PCD41.022PX01 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  PCD41.022PX01 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG PCD41.022PX01 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Process displays electronic
www.baumerivo.com
2
PCD41
Part number
PCD41.
PX01
Voltage supply
1 24 / 48 VAC
2 115 / 230 VAC
3 12...30 VDC
Inputs / outputs
0 0...10 V / without limits
1 0...20 mA / without limits
2 0...10 V / with limits
3 0...20 mA / with limits
Interface
0 Without interface
1 RS422 / RS485
2 RS232
Analgoue measured value input, 2 limits
Large 14 mm display LED, 6-digits, programmable
Comparator inputs
Input circuit
Control inputs
PNP-logic
Input level
Programmable
Input level Low
0...2 VDC
Input level High
3...40 VDC
Input resistance
3 kΩ
Relay outputs
Output circuit
Switching voltage max.
250 VAC / 110 VDC
Switching current max.
1 A
Switching capacity max.
150 VA / 30 W
Relay responding time
5 ms
Trigger level
Measuring value
Limit 1
Limit 2
Measuring
value
Interface
RS485/RS422
TxD+
TxD-
RxD+
RxD-
T,R+
T,R-
Peak-value memory
1
2
Interface
RS232
TxD
RxD
GND
1
2
7
8
9
10
11
12
3
4
5
6
22
23
24
25
25
22
24
Voltage
supply
Analog input
Control input
P2
Output
Sensor
supply
+
-
P1
RS485
RS422
+
-
Block circuit diagram
Dimensions
96
109
123.75
19.75
1-10
7
RS232
RS422
RS485
+24V 0V
P2
P1
25 24 23 22
12
11 10
9
21
87
65
43
21
max. 250 V
terminal - terminal /
- terminal
Limit value
+-
Connection diagram


Similar Part No. - PCD41.022PX01

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCD425AC8 PICKER-PCD425AC8 Datasheet
303Kb / 4P
   Surface Mount Solid State Relay
PCD440AC8 PICKER-PCD440AC8 Datasheet
303Kb / 4P
   Surface Mount Solid State Relay
logo
NXP Semiconductors
PCD4440T PHILIPS-PCD4440T Datasheet
105Kb / 20P
   Analog voice scrambler/descrambler
1996 Dec 20
logo
Baumer IVO GmbH & Co. K...
PCD45 IVO-PCD45 Datasheet
540Kb / 4P
   Process displays electronic
PCD45.002PX01 IVO-PCD45.002PX01 Datasheet
540Kb / 4P
   Process displays electronic
More results

Similar Description - PCD41.022PX01

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
PCD45 IVO-PCD45 Datasheet
540Kb / 4P
   Process displays electronic
logo
Keysight Technologies
U1173B KEYSIGHT-U1173B Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
logo
Murata Power Solutions ...
DMS-30LCDA-4 MURATA-PS-DMS-30LCDA-4 Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
logo
OSRAM GmbH
LRTGFTM OSRAM-LRTGFTM Datasheet
403Kb / 24P
   3-colour displays, RGY displays
logo
Rohm
LD-201 ROHM-LD-201 Datasheet
54Kb / 2P
   Flat displays
logo
Purdy Electronics Corpo...
AND5610 PURDY-AND5610 Datasheet
48Kb / 2P
   LED Displays
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
[Old version datasheet]   NUMERIC DISPLAYS
logo
OSRAM GmbH
LOT64F OSRAM-LOT64F Datasheet
2Mb / 24P
   Information Displays
logo
Kingbright Corporation
SA04-11EWA KINGBRIGHT-SA04-11EWA Datasheet
162Kb / 3P
   Standard-Displays
logo
Rohm
LD-001 ROHM-LD-001 Datasheet
55Kb / 2P
   Flat displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com