Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE214.312AX01 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # NE214.312AX01
Description  Preset counters electronic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

NE214.312AX01 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  NE214.312AX01 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG NE214.312AX01 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumerivo.com
Preset counters electronic
1
www.baumerivo.com
www.baumerivo.com
NE214 - LED Preset counter
Features
Preset counter with two presets
Display 6-digits
Batch counter, totalizer, hour counter
Operating mode, start count, scaling factor,
momentary signal time programmable
Connection: Incremental encoder or digital sensors
Batch counter with multiplier
Preset mode programmable
Interface RS232, RS422 or RS485
Technical data - electrical ratings
Voltage supply
115/230 VAC ±10 % (50/60 Hz)
24/48 VAC ±10 % (50/60 Hz)
24 VDC ±10 %
Power consumption
7 VA, 5 W
Sensor supply
12...26 VDC / max. 100 mA
Display
LED, 7-segment display
Number of digits
6-digits
Digit height
14 mm
Function
Preset counter
Main counter with 2 presets
Batch counter with 1 preset
Totalizer
Hour counter
Scaling factor
0.0001...9999.99
Multitplier / batch counter 1...999
Count modes
Adding or subtracting
A-B (difference counting)
A+B total (parallel counting)
Up/Down
A 90° B phase evaluation
Counting frequency
3 Hz, 25 Hz, 10 kHz
programmable
Operating modes
Step preset, Main preset,
Parallel alignment, Trailing
preset
Data memory
>10 years in EEPROM
Reset
Button, electric or automatic
Outputs electronic
Optocoupler
Outputs relay
Potential-free change-over
contact
Output holding time
0.01...99.99 s
Analogue output
0(2)...10 V, 0(4)...20 mA
Interfaces
RS232, RS422, RS485
NE214
Technical data - mechanical design
Operating temperature
0...+50 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
E-connection
Plug-in screw terminals
Core cross-section
1.5 mm²
Protection DIN EN 60529 IP 65 face with seal
Operation / keypad
Membrane with softkeys
Housing type
Built-in housing
Dimensions W x H x L
96 x 48 x 124 mm
Installation depth
124 mm
Mounting
Clip frame
Cutout dimensions
92 x 45 mm (+0.6)
Materials
Housing: Makrolon 6485 (PC)
Keypad: Polyester
Weight approx.
350 g (AC), 250 g (DC)
2 presets, serial interfaces
Large 14 mm display LED, 6-digits, programmable
Technical data - electrical ratings
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Emitted interference
DIN EN 61000-6-3
Interference immunity
DIN EN 61000-6-2
Programmable
parameters
Operating modes
Sensor logic
Scaling factor
Count mode
Control inputs
Approvals
UL/cUL, CE conform


Similar Part No. - NE214.312AX01

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.011AXA1 IVO-NE210.011AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.012AXA1 IVO-NE210.012AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.013AXA1 IVO-NE210.013AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
NE210.021AXA1 IVO-NE210.021AXA1 Datasheet
409Kb / 2P
   Preset counters electronic
More results

Similar Description - NE214.312AX01

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
NE212 IVO-NE212 Datasheet
565Kb / 4P
   Preset counters electronic
NE134 IVO-NE134 Datasheet
428Kb / 2P
   Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
   Preset counters electronic
NE218 IVO-NE218 Datasheet
451Kb / 2P
   Preset counters electronic
NE230 IVO-NE230 Datasheet
431Kb / 2P
   Preset counters electronic
NE216 IVO-NE216 Datasheet
417Kb / 2P
   Preset counters electronic
NE213 IVO-NE213 Datasheet
559Kb / 4P
   Preset counters electronic
NE215 IVO-NE215 Datasheet
556Kb / 4P
   Preset counters electronic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
   Preset counters mechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com