Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GXP6W.110A001 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # GXP6W.110A001
Description  Absolute encoders - bus interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXP6W.110A001 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  GXP6W.110A001 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXP6W.110A001 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXP6W.110A001 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXP6W.110A001 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Absolute encoders - bus interfaces
3
www.baumerivo.com
www.baumerivo.com
M23 connector
Male
Assignment
Female
Assignment
connector
connector
Pin 1
D01
Pin 1
D02
Pin 2
D01
Pin 2
D02
Pin 3
DI1
Pin 3
DI2
Pin 4
DI1
Pin 4
DI2
Pin 5
GND I
Pin 5
GND
Pin 6
PE
Pin 6
PE
Pin 7
UB
Pin 7
UB
Pin 8
GND B
Pin 8
GND B
Pin 9
Pin 9
RBST
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
Arriving interface
Departing interface
(male connector)
(female connector)
Bus cover
1
O N
Termination
ON
1
ON = Final user
OFF = User X
D01, D01
Arriving remote bus
DI1, DI1
(galvanically isolated).
GND I
Ground connection for arriving remote bus
(galvanically isolated).
UB
Connections for voltage supply UB carried
GND B
by bus, current load between arriving and
departing connections max. 700 mA.
D02, D02
Outgoing remote bus.
DI2, DI2
GND
Ground connection for ongoing remote
bus.
PE
Shield connected to encoder housing.
RBST
Input for recognition of other bus users.
Connection open: final user connected to
GND: user X.
Terminal significance
Terminal assignment
GXP6W
Shaft with clamping or synchro flange
Multiturn encoder 13 bit ST / 12 bit MT, Interbus


Similar Part No. - GXP6W.110A001

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
GXP60 RUILON-GXP60 Datasheet
630Kb / 5P
   2-electrode Spark Gap
GXP65 RUILON-GXP65 Datasheet
630Kb / 5P
   2-electrode Spark Gap
logo
Baumer IVO GmbH & Co. K...
GXP6H IVO-GXP6H Datasheet
616Kb / 4P
   Absolute encoders - bus interfaces
GXP6H.210A101 IVO-GXP6H.210A101 Datasheet
616Kb / 4P
   Absolute encoders - bus interfaces
More results

Similar Description - GXP6W.110A001

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
X700.P111205 IVO-X700.P111205 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GXP5W IVO-GXP5W Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GBP5W IVO-GBP5W Datasheet
703Kb / 4P
   Absolute encoders - bus interfaces
GXM7W-RS485 IVO-GXM7W-RS485 Datasheet
688Kb / 4P
   Absolute encoders - bus interfaces
GXM7S-RS485 IVO-GXM7S-RS485 Datasheet
643Kb / 4P
   Absolute encoders - bus interfaces
GXP5S IVO-GXP5S Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP8W IVO-GXP8W Datasheet
571Kb / 4P
   Absolute encoders - bus interfaces
GXM7W.010A002 IVO-GXM7W.010A002 Datasheet
655Kb / 4P
   Absolute encoders - bus interfaces
G0P5H IVO-G0P5H Datasheet
564Kb / 4P
   Absolute encoders - bus interfaces
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com