Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GXP5S.B10M116 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # GXP5S.B10M116
Description  Absolute encoders - bus interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXP5S.B10M116 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  GXP5S.B10M116 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXP5S.B10M116 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXP5S.B10M116 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXP5S.B10M116 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Absolute encoders - bus interfaces
3
www.baumerivo.com
www.baumerivo.com
Connector M12
Connector
Core colour
Assignment
Pin 1
brown
GND B
Pin 2
white
UB
Pin 3
blue
CAN_GND
Pin 4
black
CAN_H
Pin 5
grey
CAN_L
4
3
2
1
5
Please use cores twisted in pairs
(for example CAN_H / CAN_L) for
extension cables of more than 10 m
length.
Connector M23
Connector
Core colour
Assignment
Pin 1
brown/green UB
Pin 2
white/green
GND B
Pin 3
pink
CAN_L
Pin 4
grey
CAN_H
Pin 5
white
CAN_GND
Pin 6-12
1
2
3
4
5
6
7
8
9
10
12
11
Please use cores twisted in pairs
(for example CAN_H / CAN_L) for
extension cables of more than 10 m
length.
UB
Encoder voltage supply
GND B
Encoder ground connection relating to UB
CAN_L
CAN bus signal (dominant Low)
CAN_H
CAN bus signal (dominant High)
CAN_GND
GND relating to CAN interface.
Depending on model separated from
GND B either by galvanic isolation or by
inductive earthing.
Terminal significance
Terminal assignment
GXP5S - CANopen
End shaft max. ø14 mm
Optical multiturn encoders 13 bit ST / 16 bit MT, CANopen
Bus protocol
CANopen
Device profile
CANopen - CiA DSP 406, V 3.0
(Device Class 2, CAN 2.0B)
Operating modes Event-triggered / Time-triggered
Remotely-requested
Sync (cyclic) / Sync (acyclic)
Preset
Parameter for setting the encoder to a
requested position value assigned to a
defined shaft position of the system. The
offset of encoder zero point and mecha-
nical zero point is stored in the encoder.
Rotating direction Parameter for defining the rotating direc-
tion in which there have to be ascending
or descending position values.
Scaling
Parameter defining the steps per turn as
well as the total resolution.
Diagnosis
The encoder supports the following error
warnings:
- Position and parameter error
- Lithium battery voltage control
(Multiturn)
Node Monitoring Heartbeat or Nodeguarding
Default
50 kbit/s, Node ID 1
CANopen features


Similar Part No. - GXP5S.B10M116

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
GXP50 RUILON-GXP50 Datasheet
630Kb / 5P
   2-electrode Spark Gap
GXP55 RUILON-GXP55 Datasheet
630Kb / 5P
   2-electrode Spark Gap
logo
Baumer IVO GmbH & Co. K...
GXP5W IVO-GXP5W Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GXP5W.010A306 IVO-GXP5W.010A306 Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GXP5W.010A315 IVO-GXP5W.010A315 Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
More results

Similar Description - GXP5S.B10M116

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
X700.P111205 IVO-X700.P111205 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GXP5W IVO-GXP5W Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GBP5W IVO-GBP5W Datasheet
703Kb / 4P
   Absolute encoders - bus interfaces
GXM7W-RS485 IVO-GXM7W-RS485 Datasheet
688Kb / 4P
   Absolute encoders - bus interfaces
GXM7S-RS485 IVO-GXM7S-RS485 Datasheet
643Kb / 4P
   Absolute encoders - bus interfaces
GXP6W IVO-GXP6W Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP8W IVO-GXP8W Datasheet
571Kb / 4P
   Absolute encoders - bus interfaces
GXM7W.010A002 IVO-GXM7W.010A002 Datasheet
655Kb / 4P
   Absolute encoders - bus interfaces
G0P5H IVO-G0P5H Datasheet
564Kb / 4P
   Absolute encoders - bus interfaces
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com