Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC431LI5SK-2TR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC431LI5SK-2TR
Description  Low Voltage Adjustable Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431LI5SK-2TR Datasheet(HTML) 3 Page - Semtech Corporation

  SC431LI5SK-2TR Datasheet HTML 1Page - Semtech Corporation SC431LI5SK-2TR Datasheet HTML 2Page - Semtech Corporation SC431LI5SK-2TR Datasheet HTML 3Page - Semtech Corporation SC431LI5SK-2TR Datasheet HTML 4Page - Semtech Corporation SC431LI5SK-2TR Datasheet HTML 5Page - Semtech Corporation SC431LI5SK-2TR Datasheet HTML 6Page - Semtech Corporation SC431LI5SK-2TR Datasheet HTML 7Page - Semtech Corporation SC431LI5SK-2TR Datasheet HTML 8Page - Semtech Corporation SC431LI5SK-2TR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431L
%
1
L
1
3
4
C
S%
2
L
1
3
4
C
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
RV
F
E
R
V
Z
V
=
F
E
R
I
,
Z
A
m
0
1
=
)
1
(
8
2
2
.
10
4
2
.
12
5
2
.
15
1
2
.
10
4
2
.
15
6
2
.
1V
5
1
2
.
15
6
2
.
10
0
2
.
10
8
2
.
1
V
F
E
R
n
o
it
a
i
v
e
D
p
m
e
TV
V
E
D
V
Z
V
=
F
E
R
,I
Z
A
m
0
1
=
)
1
(
0
15
20
15
3
V
m
n
i
e
g
n
a
h
C
f
o
o
it
a
RI
Z
,
A
m
0
1
=
∆V
Z
V
o
t
V
6
1
=
F
E
R
0
.
1
-7
.
2
-0
.
1
-7
.
2
-V
/
V
m
V
F
E
R
V
n
i
e
g
n
a
h
C
o
t
Z
t
u
p
n
I
e
c
n
e
r
e
f
e
R
t
n
e
r
r
u
C
I
F
E
R
k
0
1
=
1
R
=
2
R
,
∞,
I
Z
A
m
0
1
=
)
2
(
5
1
.
05
.
05
1
.
05
.
0A
µ
I
F
E
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
a
i
v
e
D
I
)
V
E
D
(
F
E
R
k
0
1
=
1
R
=
2
R
,
∞,
I
Z
A
m
0
1
=
)
2
(
1
.
04
.
01
.
04
.
0
A
µ
e
d
o
h
t
a
C
e
t
a
t
S
-
ff
OI
)
F
F
O
(
Z
V
F
E
R
V
,
V
0
=
Z
V
6
=
)
3
(
5
2
1
.
00
5
1
.
05
2
1
.
00
5
1
.
0A
µ
t
n
e
r
r
u
CV
F
E
R
V
,
V
0
=
Z
V
6
1
=
)
3
(
5
3
1
.
00
5
1
.
05
3
1
.
00
5
1
.
0
t
u
p
t
u
O
c
i
m
a
n
y
D
e
c
n
a
d
e
p
m
I
r
Z
V
,
z
H
k
1
<
f
Z
V
=
F
E
R
I
Z
A
m
0
0
1
o
t
A
µ
0
0
1
=
)
1
(
5
0
.
05
1
.
05
0
.
05
1
.
0
g
n
it
a
r
e
p
O
m
u
m
i
n
i
M
t
n
e
r
r
u
C
I
)
N
I
M
(
Z
V
Z
V
=
F
E
R
)
1
(
0
2
0
0
1
0
2
0
0
1
A
µ
Electrical Characteristics (Cont.)
Z
REF
V
V
Unless specified:T
A = 25°C. Values in bold apply over full operating ambient temperature range.
)
2
e
g
a
p
m
o
r
f
d
e
u
n
i
t
n
o
C
(
%
5
2
.
0
L
1
3
4
C
S%
5
.
0
L
1
3
4
C
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
u
p
t
u
O
c
i
m
a
n
y
D
e
c
n
a
d
e
p
m
I
r
Z
V
,
z
H
k
1
<
f
Z
V
=
F
E
R
I
Z
A
m
0
0
1
o
t
A
µ
0
0
1
=
)
1
(
5
0
.
05
1
.
05
0
.
05
1
.
0
g
n
it
a
r
e
p
O
m
u
m
i
n
i
M
t
n
e
r
r
u
C
I
)
N
I
M
(
Z
V
Z
V
=
F
E
R
)
1
(
0
2
0
0
1
0
2
0
0
1
A
µ
Notes:
(1) See Test Circuit 1 on page 4.
(2) See Test Circuit 2 on page 4.
(3) See Test Circuit 3 on page 4.
n
i
Mx
a
Ml
o
b
m
y
S
V
,
e
g
a
tl
o
V
e
d
o
h
t
a
C
Z
V
F
E
R
6
1V
I
,t
n
e
r
r
u
C
e
d
o
h
t
a
C
Z
A
µ
0
0
10
0
1A
m
Recommended Operating Conditions


Similar Part No. - SC431LI5SK-2TR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
List of Unclassifed Man...
SC431L ETC-SC431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Semtech Corporation
SC431LC5SK-1 SEMTECH-SC431LC5SK-1 Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
SC431LC5SK-2 SEMTECH-SC431LC5SK-2 Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
SC431LC5SK-5 SEMTECH-SC431LC5SK-5 Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
More results

Similar Description - SC431LI5SK-2TR

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com