Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2016L150 Datasheet(PDF) 4 Page - Littelfuse

Part # 2016L150
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L150 Datasheet(HTML) 4 Page - Littelfuse

  2016L150 Datasheet HTML 1Page - Littelfuse 2016L150 Datasheet HTML 2Page - Littelfuse 2016L150 Datasheet HTML 3Page - Littelfuse 2016L150 Datasheet HTML 4Page - Littelfuse 2016L150 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revised: October 24, 2008
©2008 Littelfuse, Inc.
POLYFUSE® Resettable PTCs
Surface Mount > 2016L Series
2016L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/2016L.html for current information.
Part Ordering Number System
PACKAGING STYLE
SIZE
L: LITTELFUSE SURFACE MOUNT PPTC
I
HOLD CURRENT CODE (SEE TABLE BELOW)
/XX: SPECIAL VOLTAGE RATING (NOT APPLICABLE TO ALL PARTS)
QUANTITY CODE: D=1500 M=1000 P=2000
R: Tape & Reel
2016 L 100 /33 D R
SERIES
Packaging
Dimensions (mm)
C
Top
View
Pad
Layout
Side
View
Bottom
View
4.60 mm
(.181”)
3.40 mm
(.133”)
1.50 mm
(.059”)
D
MARKING CODE VARIES
WITH AMPERAGE AND VOLTAGE RATING
SEE ELECTRICAL CHARACTERISTICS CHART
SHOWN ARE:
- 1.1A/15V RATING (LEFT)
- 1.1A/33V RATING (RIGHT)
E
A
B
100
100
100
-33
Part Number
AB
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches mm
Inches
mm
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Min.
Min Max. Min. Max.
2016L030
0.19
0.21
4.72
5.44
0.15
0.17
3.7
4.43
0.03
0.05
0.75
1.25
0.01
0.30
0.01
0.03
0.25
0.65
2016L050
0.19
0.21
4.72
5.44
0.15
0.17
3.7
4.43
0.05
0.08
1.2
2
0.01
0.30
0.01
0.03
0.25
0.65
2016L100
0.19
0.21
4.72
5.44
0.15
0.17
3.7
4.43
0.02
0.03
0.5
0.75
0.01
0.30
0.01
0.03
0.25
0.65
2016L100/33
0.19
0.21
4.72
5.44
0.15
0.17
3.7
4.43
0.03
0.05
0.75
1.25
0.01
0.30
0.01
0.03
0.25
0.65
2016L150
0.19
0.21
4.72
5.44
0.15
0.17
3.7
4.43
0.03
0.06
0.75
1.55
0.01
0.30
0.01
0.03
0.25
0.65
2016L200
0.19
0.21
4.72
5.44
0.15
0.17
3.7
4.43
0.02
0.03
0.5
0.75
0.01
0.30
0.01
0.03
0.25
0.65
Part Number
Ordering Number
I
hold
(A)
I
hold Code
Voltage
Option
Packaging
Option
Quantity
Quantity &
Packaging Codes
2016L030
2016L030DR
0.30
030
Tape and Reel
1500
DR
2016L050
2016L050MR
0.55
050
Tape and Reel
1000
MR
2016L100
2016L100PR
1.10
110
Tape and Reel
2000
PR
2016L100/33
2016L100/33DR
1.10
110
/33
Tape and Reel
1500
DR
2016L150
2016L150DR
1.50
150
Tape and Reel
1500
DR
2016L200
2016L200PR
2.00
200
Tape and Reel
2000
PR


Similar Part No. - 2016L150

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L150 LITTELFUSE-2016L150 Datasheet
341Kb / 4P
   POLYFUSE짰 Resettable PTCs
2016L150 LITTELFUSE-2016L150 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
2016L150 LITTELFUSE-2016L150 Datasheet
253Kb / 5P
   The 2016L Series PTC provides surface mount overcurrent High voltage
2016L150 LITTELFUSE-2016L150 Datasheet
768Kb / 5P
   POLY-FUSE Resettable PTCs
2016L150/33 LITTELFUSE-2016L150/33 Datasheet
768Kb / 5P
   POLY-FUSE Resettable PTCs
More results

Similar Description - 2016L150

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com