Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4089B-PFNG3Y Datasheet(PDF) 11 Page - ATMEL Corporation

Part # U4089B-PFNG3Y
Description  Monolithic Integrated Feature Phone Circuit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4089B-PFNG3Y Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button U4089B-PFNG3Y Datasheet HTML 7Page - ATMEL Corporation U4089B-PFNG3Y Datasheet HTML 8Page - ATMEL Corporation U4089B-PFNG3Y Datasheet HTML 9Page - ATMEL Corporation U4089B-PFNG3Y Datasheet HTML 10Page - ATMEL Corporation U4089B-PFNG3Y Datasheet HTML 11Page - ATMEL Corporation U4089B-PFNG3Y Datasheet HTML 12Page - ATMEL Corporation U4089B-PFNG3Y Datasheet HTML 13Page - ATMEL Corporation U4089B-PFNG3Y Datasheet HTML 14Page - ATMEL Corporation U4089B-PFNG3Y Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
4518C–CORD–10/05
U4089B-P
Noise at line
psophometrically weighted
IL > 14 mA
G
T = 48 dB
no
–80
–72
dBmp
Anti-clipping
attack time
release time
CTXA = 1 µF
each 3 dB overdrive
0.5
9
ms
ms
Gain at low operating current
I
L = 10 mA
I
MP = 1 mA
RDC = 68 k
V
mic = 1 mV
I
M = 300 µA
GT
40
42.5
dB
Distortion at low operating
current
I
L = 10 mA
IM = 300 µA
I
MP = 1 mA
RDC = 68 k
Vmic = 10 mV
d
t
5%
Line-loss compensation
IL = 100 mA,
RAGA = 20 k
∆G
TI
–6.4
–5.8
–5.2
dB
Mute suppression
a)
MIC muted
(microphone
preamplifier)
I
L ≥ 14 mA
Mutx = open
G
TM
60
80
dB
Receiving Amplifier, I
L = 14 mA, RGR = 62 kΩ, unless otherwise specified, VGEN = 300 mV
Adjustment range of
receiving gain
I
L ≥ 14 mA,
single ended
GR
–8
+2
dB
Receiving amplification
RGR = 62 k
RGR = 22 k
G
R
–7.75
–7
1.5
–6.25
dB
Amplification of DTMF signal
from DTMF IN to RECO
IL ≥ 14 mA
V
MUTX = VMP
GRM
14
7
dB
Frequency response
I
L > 14 mA,
f = 300Hz to 3400Hz
∆G
RF
±0.5
dB
Gain change with current
IL = 14 mA to 100 mA
∆G
R
±0.5
dB
Gain deviation
Tamb = –10° C to +60° C
∆G
R
±0.5
dB
Ear protection
IL ≥ 14 mA
VGEN = 11Vrms
EP
1.1
V
rms
MUTE suppression
DTMF operation
IL ≥ 14 mA
V
MUTX = VMP
∆G
R
60
dB
Output voltage d
≤2%
I
L = 14 mA
Zear = 68 nF
0.5
Vrms
Maximum output current
d
≤2%
Z
ear = 100Ω
4
mA
(peak)
Receiving noise
psophometrically weighted
Z
ear = 68 nF + 100Ω
I
L ≥ 14 mA
ni
–80
–77
dBmp
Output resistance
Output against GND
R
o
10
Line-loss compensation
RAGA = 20 k
Ω,
IL = 100 mA
∆G
RI
–7.0
–6.0
–5.0
dB
AC impedance
Zimp
840
900
960
8.
Electrical Characteristics (Continued)
f = 1 kHz, 0 dBm = 775 mVrms, IM = 0.3 mA, IMP = 2 mA, RDC = 130 kΩ, Tamb = 25° C, RGSA = 560 kΩ,
Zear = 68 nF + 100Ω, ZM = 68 nF, Pin 30 open (AGA), VMUTX = GND, see Figure 8-11 on page 22 (AC tests), unless otherwise specified.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit


Similar Part No. - U4089B-PFNG3Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4089B-PFNG3 ATMEL-U4089B-PFNG3 Datasheet
552Kb / 26P
   Monolithic Integrated Feature Phone Circuit
More results

Similar Description - U4089B-PFNG3Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4089B-P ATMEL-U4089B-P Datasheet
552Kb / 26P
   Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U4092B TEMIC-U4092B Datasheet
652Kb / 32P
   Monolithic Integrated Feature Phone Circuit
logo
ATMEL Corporation
U209B ATMEL-U209B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U4090B TEMIC-U4090B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
logo
ATMEL Corporation
U4090B-P ATMEL-U4090B-P Datasheet
615Kb / 35P
   Monolithic Integrated Feature Phone Circuit EMI Improved
logo
TEMIC Semiconductors
U3800BM TEMIC-U3800BM Datasheet
1Mb / 31P
   Multi Standard Feature Phone Integrated Circuit
U3810BM TEMIC-U3810BM Datasheet
497Kb / 31P
   Multi Standard Feature Phone Integrated Circuit
logo
Zarlink Semiconductor I...
MT9196 ZARLINK-MT9196 Datasheet
635Kb / 46P
   Integrated Digital Phone Circuit (IDPC)
logo
Motorola, Inc
TCA3386 MOTOROLA-TCA3386 Datasheet
48Kb / 1P
   Single chip feature phone IC
logo
List of Unclassifed Man...
U2531B ETC1-U2531B Datasheet
269Kb / 1P
   Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com