Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U3280M-NFBG3Y Datasheet(PDF) 10 Page - ATMEL Corporation

Part # U3280M-NFBG3Y
Description  Transponder Interface for Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U3280M-NFBG3Y Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button U3280M-NFBG3Y Datasheet HTML 6Page - ATMEL Corporation U3280M-NFBG3Y Datasheet HTML 7Page - ATMEL Corporation U3280M-NFBG3Y Datasheet HTML 8Page - ATMEL Corporation U3280M-NFBG3Y Datasheet HTML 9Page - ATMEL Corporation U3280M-NFBG3Y Datasheet HTML 10Page - ATMEL Corporation U3280M-NFBG3Y Datasheet HTML 11Page - ATMEL Corporation U3280M-NFBG3Y Datasheet HTML 12Page - ATMEL Corporation U3280M-NFBG3Y Datasheet HTML 13Page - ATMEL Corporation U3280M-NFBG3Y Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
4688D–RFID–03/07
U3280M
5.
EEPROM
The EEPROM has a size of 512 bits and is organized as a 32
× 16-bit matrix. To read and write
data to and from the EEPROM, the serial interface must be used. The interface supports one
and two-byte write access and one to n-byte read access to the EEPROM.
5.1
EEPROM Operating Modes
The operating modes of the EEPROM are defined by the control byte. The control byte contains
the row address, the mode control bits and the read/not-write bit that is used to control the direc-
tion of the following transfer. A “0” defines the write access and a “1” defines a read access. The
five address bits select one of the 32 rows of EEPROM memory to be accessed. For complete
access the complete 16-bit word of the selected row is loaded into a buffer. The buffer must be
read or overwritten via the serial interface. The two mode control bits C1 and C2 define in which
order the access to the buffer is performed: high byte – low byte or low byte – high byte. The
EEPROM also supports auto-increment and auto-decrement read operations. After sending the
START address with the corresponding mode, consecutive memory cells can be read row by
row without transmission of the row addresses.
5.2
Write Operations
The EEPROM allows for 8-bit and 16-bit write operations. A write access starts with the START
condition followed by writing a write control byte and one or two data bytes from the master. It is
completed with the STOP condition from the master after the acknowledge cycle.
When the EEPROM receives the control byte, it loads the addressed memory cell into a 16-bit
read/write buffer. The following data bytes overwrite the buffer. The internal EEPROM program-
ming cycle is started by a STOP condition after the first or second data byte. During the
programming cycle, the addressed EEPROM cells are cleared and the contents of the buffer is
written back to the EEPROM cells. The complete erase-write cycle takes about 10 ms.
5.2.1
Acknowledge Polling
If the EEPROM is busy with an internal write cycle, all inputs are disabled and the EEPROM will
not acknowledge until the write cycle is finished. This can be used to determine when the write
cycle is complete. The master must perform acknowledge polling by sending a START condition
followed by the control byte. If the device is still busy with the write cycle, it will not return an
acknowledge and the master has to generate a STOP condition or perform further acknowledge
polling sequences.
If the cycle is complete, the device returns an acknowledge and the master can proceed with the
next read or write cycle.


Similar Part No. - U3280M-NFBG3Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3280M ATMEL-U3280M Datasheet
275Kb / 18P
   TRANSPONDER INTERFACE FOR MICROCONTROLLER
U3280M ATMEL-U3280M_11 Datasheet
1Mb / 19P
   Transponder Interface for Microcontroller
More results

Similar Description - U3280M-NFBG3Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3280M ATMEL-U3280M_11 Datasheet
1Mb / 19P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M Datasheet
275Kb / 18P
   TRANSPONDER INTERFACE FOR MICROCONTROLLER
U9280M-H ATMEL-U9280M-H_05 Datasheet
444Kb / 24P
   Microcontroller with Transponder Interface
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
logo
ATMEL Corporation
U9280M-H ATMEL-U9280M-H Datasheet
417Kb / 23P
   MICROCONTROLER WITH TRANSPONDER INTERFACE
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
RF430CL331H TI1-RF430CL331H Datasheet
799Kb / 60P
[Old version datasheet]   NFC Type 4B Dynamic Dual Interface Transponder
logo
TOKO, Inc
SA3D14 TOKO-SA3D14 Datasheet
97Kb / 1P
   Transponder Coils for Surface Mounting
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
   Transponder Coils for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com