Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2793B Datasheet(PDF) 4 Page - ATMEL Corporation

Part # U2793B
Description  300-MHz Quadrature Modulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2793B Datasheet(HTML) 4 Page - ATMEL Corporation

  U2793B_06 Datasheet HTML 1Page - ATMEL Corporation U2793B_06 Datasheet HTML 2Page - ATMEL Corporation U2793B_06 Datasheet HTML 3Page - ATMEL Corporation U2793B_06 Datasheet HTML 4Page - ATMEL Corporation U2793B_06 Datasheet HTML 5Page - ATMEL Corporation U2793B_06 Datasheet HTML 6Page - ATMEL Corporation U2793B_06 Datasheet HTML 7Page - ATMEL Corporation U2793B_06 Datasheet HTML 8Page - ATMEL Corporation U2793B_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
4651E–CELL–07/06
U2793B
3.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Supply voltage
V
S
6V
Input voltage
V
i
0 to V
S
V
Junction temperature
T
j
125
°C
Storage temperature range
T
Stg
–55 to +125
°C
4.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient SSO20
RthJA
140
K/W
5.
Operating Range
Parameters
Symbol
Value
Unit
Supply voltage
V
S
4.5 to 5.5
V
Ambient temperature range
T
amb
–40 to +85
°C
6.
Electrical Characteristics
Test conditions (unless otherwise specified); V
S = 5V, Tamb = 25°C, referred to test circuit.
System impedance Zo = 50
Ω, f
LO =150 MHz, PLO = -15 dBm, VBBi = 1.0 Vpp, differential
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1.1
Supply voltage range
6, 7
VS
4.5
5
5.5
V
A
1.2
Supply current
6, 7
IS
15
mA
A
2
Baseband Inputs, Pin 9-10, 11-12
2.1
Input-voltage range (differential)
VBBi
1000
1500
mVpp
D
2.2
Input impedance
ZBBi
30
k
D
2.3
Input-frequency range
fBBi
050
MHz
D
2.4
Input voltage, common mode
2.5
V
3
LO Input, Pins 14 and 15
3.1
Frequency range
fLOi
30
300
MHz
D
3.2
Input level(1)
PLOi
–15
–5
dBm
D
3.3
Input impedance
ZiLO
(2)
D
3.4
Voltage standing wave ratio
VSWRLO
3.5
D
3.5
Duty-cycle range
DCRLO
0.4
0.6
D
Notes:
1. Required LO level is a function of the LO frequency.
2. The LO input impedance is consisting of a 50
Ω resistor in series with a 15 pF capacitor.
3. With the pins 19 and 20 spurious performance especially for low frequency application can be improved by adding a chip
capacitor between LP1 and LP2. In conjunction with a parallel resistor the output level can be adjusted to the following
mixer stage without degration of LO suppression and noise performance which would decrease if the I/Q input level is
reduced.
4. For T
amb = –40°C to +85°C and VS = 4.5V to 5.5V


Similar Part No. - U2793B_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2793B-MFS ATMEL-U2793B-MFS Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
U2793B-MFSG3 ATMEL-U2793B-MFSG3 Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
U2793B-NFSG3H ATMEL-U2793B-NFSG3H Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
U2793B-NFSH ATMEL-U2793B-NFSH Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
More results

Similar Description - U2793B_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
logo
Analog Devices
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
logo
Texas Instruments
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI-TRF37T05 Datasheet
1Mb / 36P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com