Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2270B-MFPG3Y Datasheet(PDF) 10 Page - ATMEL Corporation

Part # U2270B-MFPG3Y
Description  Read/Write Base Station
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2270B-MFPG3Y Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button U2270B-MFPG3Y Datasheet HTML 6Page - ATMEL Corporation U2270B-MFPG3Y Datasheet HTML 7Page - ATMEL Corporation U2270B-MFPG3Y Datasheet HTML 8Page - ATMEL Corporation U2270B-MFPG3Y Datasheet HTML 9Page - ATMEL Corporation U2270B-MFPG3Y Datasheet HTML 10Page - ATMEL Corporation U2270B-MFPG3Y Datasheet HTML 11Page - ATMEL Corporation U2270B-MFPG3Y Datasheet HTML 12Page - ATMEL Corporation U2270B-MFPG3Y Datasheet HTML 13Page - ATMEL Corporation U2270B-MFPG3Y Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
4684E–RFID–02/08
U2270B
3.8
Function Table
4.
Applications
To achieve the system performance, consider the power-supply environment and the mag-
netic-coupling situation.
The selection of the appropriate power-supply operation mode depends on the quality of supply
voltage. If an unregulated supply voltage in the range of V = 7V to 16V is available, the internal
power supply of the U2270B can be used. In this case, standby mode can be used and an exter-
nal low-current microcontroller can be supplied.
If a 5V supply rail is available, it can be used to power the U2270B. In this case, check that the
voltage is noise-free. An external power transistor is not necessary.
The application also depends on the magnetic-coupling situation. The coupling factor mainly
depends on the transmission distance and the antenna coils. The following table lists the appro-
priate application for a given coupling factor. The magnetic coupling factor can be determined
using Atmel
®’s test transponder coil.
The maximum transmission distance is also influenced by the accuracy of the antenna’s reso-
nance. Therefore, the recommendations given above are proposals only. A good compromise
for the resonance accuracy of the antenna is a value in the range of f
res = 125 kHz ± 3%. Further
details concerning the adequate application and the antenna design is provided in Section
“Antenna Design Hints”.
CFE
MS
COIL1
COIL2
Low
Low
High
High
Low
High
Low
High
High
Low
High
High
OE
Output
STANDBY
U2270B
Low
Enabled
Low
Standby mode
High
Disabled
High
Active
Table 4-1.
Magnetic Coupling
Magnetic Coupling Factor
Appropriate Application
k > 3%
Free-running oscillator
k > 1%
Diode feedback
k > 0.5%
Diode feedback
plus frequency altering
k > 0.3%
Diode feedback
plus fine frequency tuning


Similar Part No. - U2270B-MFPG3Y

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2270B TEMIC-U2270B Datasheet
146Kb / 13P
   Read / Write Base Station IC
More results

Similar Description - U2270B-MFPG3Y

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
U-P6-B5 PF-U-P6-B5 Datasheet
350Kb / 2P
   Base for read/write station
U-P6-B6-V15B PF-U-P6-B6-V15B Datasheet
363Kb / 2P
   Base for read/write station
U-P6-B6 PF-U-P6-B6 Datasheet
332Kb / 2P
   Base for read/write station
U-P3-RX PF-U-P3-RX Datasheet
361Kb / 3P
   Base for read/write station
U-P3-R4 PF-U-P3-R4 Datasheet
316Kb / 2P
   Base for read/write station
U-P4-R4 PF-U-P4-R4 Datasheet
290Kb / 2P
   Base for read/write station
logo
TEMIC Semiconductors
U2270B TEMIC-U2270B Datasheet
146Kb / 13P
   Read / Write Base Station IC
logo
Pepperl+Fuchs Inc.
U-P4-RX PF-U-P4-RX Datasheet
318Kb / 3P
   Base for read/write station
U-P6-B5-V PF-U-P6-B5-V Datasheet
392Kb / 2P
   Base for read/write station
IUT-F190-R4-V1-FR2-13 PF-IUT-F190-R4-V1-FR2-13 Datasheet
830Kb / 3P
   Read/write station
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com