Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK5551M-PP Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TK5551M-PP
Description  Standard Read/Write ID Transponder with Anti-collision
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TK5551M-PP Datasheet(HTML) 4 Page - ATMEL Corporation

  TK5551M-PP Datasheet HTML 1Page - ATMEL Corporation TK5551M-PP Datasheet HTML 2Page - ATMEL Corporation TK5551M-PP Datasheet HTML 3Page - ATMEL Corporation TK5551M-PP Datasheet HTML 4Page - ATMEL Corporation TK5551M-PP Datasheet HTML 5Page - ATMEL Corporation TK5551M-PP Datasheet HTML 6Page - ATMEL Corporation TK5551M-PP Datasheet HTML 7Page - ATMEL Corporation TK5551M-PP Datasheet HTML 8Page - ATMEL Corporation TK5551M-PP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
4709F–RFID–06/06
TK5551
5.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
Parameters
Symbol
Value
Unit
Operating temperature range
T
amb
–40 to +85
°C
Storage temperature range
T
stg
–40 to +125
°C
Assembly temperature t < 5 minutes
T
ass
170
°C
Magnetic field strength at 125 kHz
H
pp
1000
A/m
6.
Operating Characteristics: Transponder
T
amb = 25°C, f = 125 kHz, unless otherwise specified
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Inductance
L3.8
mH
LC Circuit, H
pp = 20 A/m
Resonance frequency
Room temperature
f
r
120
125
130
kHz
Quality factor
Q
LC
13
Magnetic Field Strength (H)
Maximum field strength where tag
does not modulate
No influence to other tags in the field
Hpp not
4A/m
Field strength for operation
T
amb = –40°C
H
pp -40
30
A/m
T
amb = 25°C
H
pp 25
18
A/m
Tamb = 85°C
Hpp 85
17
A/m
Programming mode
Tamb = 25°C
Hpp
50
A/m
Data retention EEPROM
Tamb = 25°C
tretention
10
Years
Programming cycles EEPROM
100,000
Programming time/block
RF = 125 kHz
tp
16
ms
Maximum field strength
Hpp max
600
A/m
Modulation Range (see also H-DV Curve)
Modulation range
Hpp = 20 A/m
Hpp = 30 A/m
H
pp = 50 A/m
Hpp = 100 A/m
DV
4.0
6.0
8.0
8.0
V


Similar Part No. - TK5551M-PP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
TK5551 ATMEL-TK5551 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
More results

Similar Description - TK5551M-PP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
ATA5551M-PPMY ATMEL-ATA5551M-PPMY_14 Datasheet
1Mb / 28P
   Standard Read/Write ID Transponder with Anti-collision
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
List of Unclassifed Man...
MLX90111 ETC1-MLX90111 Datasheet
136Kb / 12P
   128bit Read Write Transponder
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
TK5561A-PP ATMEL-TK5561A-PP Datasheet
252Kb / 10P
   READ/WRITE CRYPTO TRANSPONDER FOR SHORT CYCLE TIME
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
E5561 ATMEL-E5561_06 Datasheet
434Kb / 28P
   Standard Read/Write Crypto Identification IC
TK5530 ATMEL-TK5530 Datasheet
215Kb / 9P
   READ ONLY TRANSPONDER
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com