Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK5551 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TK5551
Description  Standard Read/Write ID Transponder with Anti-collision
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TK5551 Datasheet(HTML) 1 Page - ATMEL Corporation

  TK5551_06 Datasheet HTML 1Page - ATMEL Corporation TK5551_06 Datasheet HTML 2Page - ATMEL Corporation TK5551_06 Datasheet HTML 3Page - ATMEL Corporation TK5551_06 Datasheet HTML 4Page - ATMEL Corporation TK5551_06 Datasheet HTML 5Page - ATMEL Corporation TK5551_06 Datasheet HTML 6Page - ATMEL Corporation TK5551_06 Datasheet HTML 7Page - ATMEL Corporation TK5551_06 Datasheet HTML 8Page - ATMEL Corporation TK5551_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
,Features
Read/Write Anti-collision ID Transponder in Plastic Package
Contactless Read/Write Data Transmission
Inductive Coupled Power Supply at 125 kHz
Basic Component: R/W IDIC® e5551
Anti-collision Mode by Password Request
– E.g. 10 Transponders Read Out in < 500 ms (RF/32, Maxblock 2) Depending on the
Application
Built-in Coil and Capacitor for Circuit Antenna
Starts with Cyclical Data Read Out
224-bit EEPROM User Programmable in 32-bit Blocks
Typically < 50 ms to Write and Verify a Block
Write Protection by Lock Bits
Malprogramming Protection
Options Set by EEPROM
– Bit Rate [bit/s]: RF/8, RF/16, RF/32, RF/40, RF/50, RF/64, RF/100, RF/128
– Modulation: BIN, FSK, PSK, Manchester, Bi-phase
Application
Access Control Systems
Process Control and Automation Systems
Installation and Medical Equipment
Asset Management Systems
1.
Description
The TK5551 is a completely programmable R/W transponder which implements all
important functions for identification systems, including anti-collision (e.g., 10 tran-
sponders in < 500 ms depending on the application). It allows the contactless reading
and writing of data which are transmitted bi-directionally between a read/write base
station and the transponder. It is a plastic-packaged device which accommodates the
IDIC e5551 and also the antenna realized as an LC-circuit. No additional external
power supply is necessary for the transponder because it receives power from the RF
field generated by the base station. Data are transmitted by modulating the amplitude
of the RF field. The TK5551 can be used to adjust and modify the ID code or any other
stored data, e.g., rolling code systems. The on-chip 264-bit EEPROM (8 blocks,
33 bits per block) can be read and written block wise from the base station. The
blocks can be protected against overwriting. One block is reserved for setting the
operation modes of the IC. Another block can obtain a password to prevent unautho-
rized writing.
Standard
Read/Write ID
Transponder
with
Anti-collision
TK5551
4709F–RFID–06/06


Similar Part No. - TK5551_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
TK5551 ATMEL-TK5551 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
More results

Similar Description - TK5551_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5551 ATMEL-TK5551 Datasheet
241Kb / 10P
   STANDARD READ /WRITE ID TRANSPONDER WITH ANTI COLLISION
ATA5551M-PPMY ATMEL-ATA5551M-PPMY_14 Datasheet
1Mb / 28P
   Standard Read/Write ID Transponder with Anti-collision
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
List of Unclassifed Man...
MLX90111 ETC1-MLX90111 Datasheet
136Kb / 12P
   128bit Read Write Transponder
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
TK5561A-PP ATMEL-TK5561A-PP Datasheet
252Kb / 10P
   READ/WRITE CRYPTO TRANSPONDER FOR SHORT CYCLE TIME
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
   Standard Read/Write Crypto Identification IC
E5561 ATMEL-E5561_06 Datasheet
434Kb / 28P
   Standard Read/Write Crypto Identification IC
TK5530 ATMEL-TK5530 Datasheet
215Kb / 9P
   READ ONLY TRANSPONDER
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com