Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP1502B Datasheet(PDF) 4 Page - Semtech Corporation

Part # RCLAMP1502B
Description  Ultra-Low Capacitance TVS for ESD and CDE Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP1502B Datasheet(HTML) 4 Page - Semtech Corporation

  RCLAMP1502B Datasheet HTML 1Page - Semtech Corporation RCLAMP1502B Datasheet HTML 2Page - Semtech Corporation RCLAMP1502B Datasheet HTML 3Page - Semtech Corporation RCLAMP1502B Datasheet HTML 4Page - Semtech Corporation RCLAMP1502B Datasheet HTML 5Page - Semtech Corporation RCLAMP1502B Datasheet HTML 6Page - Semtech Corporation RCLAMP1502B Datasheet HTML 7Page - Semtech Corporation RCLAMP1502B Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
© 2007 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
RClamp1502B
Insertion Loss S21 (Pin 1 to Pin 2)
ESD Response (4kV Contact per IEC 61000-4-2)
Typical Characteristics
ESD Response (8kV Contact per IEC 61000-4-2)
1
2
3
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
1: .00460 dB
900 MHz
2: .02010 dB
1.8 GHz
3: -.08180 dB
2.5 GHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz
Insertion Loss S21 (Pin 1 or Pin 2 to Pin 3)
1
2
3
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
1: .03430 dB
900 MHz
2: .07870 dB
1.8 GHz
3: .28040 dB
2.5 GHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz
Analog Crosstalk
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
20 dB /REF 0 dB


Similar Part No. - RCLAMP1502B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP1502B SEMTECH-RCLAMP1502B Datasheet
164Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP1502B.TCT SEMTECH-RCLAMP1502B.TCT Datasheet
164Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP1502B SEMTECH-RCLAMP1502B_09 Datasheet
164Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
More results

Similar Description - RCLAMP1502B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP2402B SEMTECH-RCLAMP2402B Datasheet
195Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Yea Shin Technology Co....
YSLC05C YEASHIN-YSLC05C Datasheet
998Kb / 4P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Semtech Corporation
RCLAMP1502B SEMTECH-RCLAMP1502B_09 Datasheet
164Kb / 8P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP0502B SEMTECH-RCLAMP0502B Datasheet
317Kb / 9P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
RCLAMP0502BA SEMTECH-RCLAMP0502BA Datasheet
166Kb / 7P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
logo
Pan Jit International I...
PJE5UFN10A-AU PANJIT-PJE5UFN10A-AU Datasheet
235Kb / 5P
   Ultra Low Capacitance TVS-ESD Protection
logo
Semtech Corporation
RCLAMP0582B SEMTECH-RCLAMP0582B Datasheet
152Kb / 6P
   Low Capacitance TVS for ESD and Surge Protection
logo
Rectron Semiconductor
TEP0801SLC RECTRON-TEP0801SLC Datasheet
751Kb / 6P
   Ultra Low Capacitance TVS/ESD Protection Diode
logo
SeCoS Halbleitertechnol...
SZMD0502 SECOS-SZMD0502 Datasheet
209Kb / 2P
   Ultra Low Capacitance TVS/ESD Protection Diode
logo
Rectron Semiconductor
TEP0302D RECTRON-TEP0302D Datasheet
181Kb / 4P
   Ultra Low Capacitance TVS/ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com