Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP0544M.TBT Datasheet(PDF) 5 Page - Semtech Corporation

Part # RCLAMP0544M.TBT
Description  RailClamp짰 ESD Protection for HDMI Interfaces
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0544M.TBT Datasheet(HTML) 5 Page - Semtech Corporation

  RCLAMP0544M.TBT Datasheet HTML 1Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 2Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 3Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 4Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 5Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 6Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 7Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 8Page - Semtech Corporation RCLAMP0544M.TBT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
 2006 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
RClamp0544M
Device Connection Options for Protection of Four
High-Speed Data Lines
The RClamp0544M TVS is designed to protect four data
lines from transient over-voltages by clamping them to a
fixed reference. When the voltage on the protected line
exceeds the reference voltage (plus diode V
F) the steering
diodes are forward biased, conducting the transient
current away from the sensitive circuitry.
Flow Through Layout
The RClamp0544M is designed for have ease of PCB
layout by allowing the traces to run straight through the
device. Figure 1 shows the proper way to design the PCB
board trace in order to use the flow through layout for
two line pairs. The solid line represents the PCB trace.
Note that the PCB traces are used to connect the pin
pairs for each line (pin 1 to pin 10, pin 2 to pin 9, pin 4
to pin 7, pin 5 to pin 6). For example, line 1 enters at
pin 1 and exits at Pin 10 and the PCB trace connects pin
1 and 10 together. This is true for lines 2, 3, and 4.
Ground is connected at pin 3. This pin should be
connected directly to a ground plane on the board for
best results. The path length is kept as short as
possible to minimize parasitic inductance.
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression of
ESD induced transients. The following guidelines are
recommended:
Place the device near the input terminals or connec-
tors to restrict transient coupling.
Minimize the path length between the TVS and the
protected line.
Minimize all conductive loops including power and
ground loops.
The ESD transient return path to ground should be
kept as short as possible.
Never run critical signals near board edges.
Use ground planes whenever possible.
Applications Information
1
Line 1
Gnd
Line 2
Line 3
Line 4
Line 1
Line 2
Line 3
Line 4
NC
Figure 1. Flow through Layout for two Line Pairs
Figure 1. Flow through Layout for two Line Pairs
Figure 1. Flow through Layout for two Line Pairs
Figure 1. Flow through Layout for two Line Pairs
Figure 1. Flow through Layout for two Line Pairs
Matte Tin Lead Finish
Matte tin has become the industry standard lead-free
replacement for SnPb lead finishes. A matte tin finish is
composed of 100% tin solder with large grains. Since
the solder volume on the leads is small compared to the
solder paste volume that is placed on the land pattern of
the PCB, the reflow profile will be determined by the
requirements of the solder paste. Therefore, these
devices are compatible with both lead-free and SnPb
assembly techniques. In addition, unlike other lead-free
compositions, matte tin does not have any added alloys
that can cause degradation of the solder joint.


Similar Part No. - RCLAMP0544M.TBT

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
RCLAMP0544M LEIDITECH-RCLAMP0544M Datasheet
394Kb / 3P
   4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
More results

Similar Description - RCLAMP0544M.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0532T SEMTECH-RCLAMP0532T Datasheet
1Mb / 8P
   Low Capacitance RailClamp짰 2-Line Surge and ESD Protection for Ethernet Interfaces
RCLAMP2594N SEMTECH-RCLAMP2594N Datasheet
1Mb / 8P
   Low Capacitance RailClamp짰 4-Line Surge and ESD Protection for Ethernet Interfaces
RCLAMP0506T SEMTECH-RCLAMP0506T Datasheet
135Kb / 8P
   RailClamp짰 6-Line ESD Protection
logo
NXP Semiconductors
IP4280CZ10 NXP-IP4280CZ10 Datasheet
63Kb / 8P
   ESD protection for HDMI interface
Rev. 01-6 June 2007
logo
Nexperia B.V. All right...
IP4280CZ10 NEXPERIA-IP4280CZ10 Datasheet
178Kb / 9P
   ESD protection for HDMI interface
Rev. 01 - 6 June 2007
logo
NXP Semiconductors
IP4242CZ6 NXP-IP4242CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-12 March 2009
IP4282CZ6 NXP-IP4282CZ6 Datasheet
59Kb / 9P
   ESD protection for high-speed interfaces
Rev. 01-30 March 2009
logo
Semtech Corporation
RCLAMP3655P SEMTECH-RCLAMP3655P Datasheet
226Kb / 10P
   RailClamp??ESD Protection for uUSB Interfaces
logo
SeCoS Halbleitertechnol...
SBESD9N5C SECOS-SBESD9N5C Datasheet
286Kb / 3P
   ESD Protection for high-speed interfaces
KS05UL5 SECOS-KS05UL5_15 Datasheet
313Kb / 3P
   ESD Protection for high-speed interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com