Electronic Components Datasheet Search |
|
RCLAMP0503N.TCT Datasheet(PDF) 1 Page - Semtech Corporation |
|
RCLAMP0503N.TCT Datasheet(HTML) 1 Page - Semtech Corporation |
1 / 7 page 1 www.semtech.com PROTECTION PRODUCTS - RailClamp® ® ® ® ® RClamp0503N RailClamp®®®®® Low Capacitance TVS Diode Array Description Features Circuit Diagram Package Dimensions Revision 03/31/2008 The RailClamp® series is a family of ultra low capaci- tance TVS arrays designed to protect high speed data interfaces. This series has been specifically designed to protect sensitive components which are connected to high-speed data and transmission lines from overvoltage caused by ESD (electrostatic discharge), CDE (Cable Discharge Events), and EFT (electrical fast transients). They are designed for use in applications where board space is at a premium. Each device requires less than 1.5mm2 of PCB area and will protect up to three high speed data lines. The monolithic design incorporates surge rated, low capacitance steering diodes and a TVS diode in a single package. Each line has a maximum capacitance of 0.5pF to ground. The capacitance of each line is well matched for consistant signal balance. A connection to the TVS is provided for protection of an external voltage bus, such as those found in USB applications. This device is optimized for ESD protection of portable electronics. They may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15kV air, ±8kV contact discharge). The RClamp0503N is in a 6-pin, RoHS/WEEE compliant, SLP1510N6 package. It measures 1.45 x 1.0 x 0.58mm. The small package makes it ideal for use in portable electronics such as cell phones, laptops, and digital still cameras. Applications Mechanical Characteristics ESD protection for high-speed data lines to IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact) IEC 61000-4-4 (EFT) 40A (5/50ns) Array of surge rated diodes with internal TVS Diode Small package saves board space Protects three I/O lines and a power line Low capacitance: 0.5pF maximum Low clamping voltage Solid-state silicon-avalanche technology SLP1510N6 Package RoHS/WEEE Compliant Nominal Dimensions: 1.45 x 1.0 x 0.58 mm Lead Pitch: 0.5mm Lead Finish: NiPdAu Marking : Marking Code Packaging : Tape and Reel 6 Pin SLP1510N6 package (Bottom Side View) Nominal Dimensions in mm Device Schematic USB OTG MMC Port Serial ATA Video Port SIM Port PCI Express 1.00 1.45 0.58 1 0.50 23 4 5 6 5 13 4 6 |
Similar Part No. - RCLAMP0503N.TCT |
|
Similar Description - RCLAMP0503N.TCT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |