Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T7024-TRSY Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T7024-TRSY
Description  Bluetooth/ISM 2.4-GHz Front-End IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7024-TRSY Datasheet(HTML) 5 Page - ATMEL Corporation

  T7024-TRSY Datasheet HTML 1Page - ATMEL Corporation T7024-TRSY Datasheet HTML 2Page - ATMEL Corporation T7024-TRSY Datasheet HTML 3Page - ATMEL Corporation T7024-TRSY Datasheet HTML 4Page - ATMEL Corporation T7024-TRSY Datasheet HTML 5Page - ATMEL Corporation T7024-TRSY Datasheet HTML 6Page - ATMEL Corporation T7024-TRSY Datasheet HTML 7Page - ATMEL Corporation T7024-TRSY Datasheet HTML 8Page - ATMEL Corporation T7024-TRSY Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
4533H–BLURF–07/07
T7024
Supply current
(LNA and control logic)
TX (control logic active)
Pin VS_LNA
I
S
0.5
mA
Standby current
Standby, pin VS_LNA
I
S_standby
110
µA
Frequency range
RX
f
2.4
2.5
GHz
Power gain(5)
RX, pin LNA_IN to LNA_OUT
Gp
15
16
19
dB
Noise figure
RX, PSSO20
RX, QFN20
NF
NF
2.5
2.1
2.8
2.3
dB
dB
Gain compression
RX, referred to pin LNA_OUT
O1dB
–9
–7
–6
dBm
3rd-order input interception point
RX
IIP3
–16
–14
–13
dBm
Input matching(4)
RX, pin LNA_IN
VSWRin
2:1
Output matching(4)
RX, pin LNA_OUT
VSWRout
2:1
Logic Input Levels (RX_ON, PU)(5)
High input level
= ‘1’ pins RX_ON and PU
V
iH
2.4
V
S, LNA
V
Low input level
= ‘0’
V
iL
00.5
V
High input current
= ‘1’ V
iH = 2.4V
I
iH
40
60
µA
Low input current
= ‘0’
I
iL
0.2
µA
7.
Electrical Characteristics (Continued)
Test conditions (unless otherwise specified): VS = 3.0V, Tamb = 25°C
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Notes:
1. Power amplifier shall be unconditionally stable, maximum duty cycle 100%, true CW operation, maximum load mismatch
and duration: load VSWR = 10:1 (all phases) 10s, ZG = 50Ω.
2. With external matching network, load impedance 50
Ω.
3. Low-noise amplifier shall be unconditionally stable.
4. With external matching components.
5. LNA gain can be adjusted with RX_ON voltage according to Figure 9-16 on page 11. Please note, that for RX_ON below
1.4V the T/R switch driver switches to TX mode.
8.
Control Logic PA and LNA/Antenna Switch Driver
PU
RX_ON
Ramp(1)
PA
LNA
Antenna Switch Driver
Operation Mode
0
0
0
off
off
off
standby
0
0
1
on
off
off
(2)
0
1
0
off
on
off
(3)
01
1
on
on
off
(4)
1
0
0
off
off
on
(4)
10
1
on
off
on
TX
1
1
0
off
on
off
RX
11
1
on
on
off
(5)
Notes:
1. “0” = VRAMP ≤ 0.1V, “1” = VRAMP typically 1.75V, 1.3V < VRAMP < 1.83V controls gain and output power, compare Figure 9-6
on page 7 and Figure 9-10 on page 9
2. Only for special operation, e.g. only PA operation, no LNA/switch driver operation
3. Only for special operation, e.g. no switch driver operation
4. Only for special operation
5. Only for special operation, e.g. separate TX/RX antennas, TX and RX operation at the same time


Similar Part No. - T7024-TRSY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7024-TRS ATMEL-T7024-TRS Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
More results

Similar Description - T7024-TRSY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
   Bluetooth/ISM 2.4-GHz Front-end IC
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
T7026 ATMEL-T7026 Datasheet
143Kb / 10P
   ISM 2.4 GHz Front End IC
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
171Kb / 6P
   2.4 GHz FRONT-END LNA / SWITCH IC
logo
Skyworks Solutions Inc.
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11_17 Datasheet
922Kb / 14P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
   2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
   2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
   2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com