Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6818 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T6818
Description  Triple Halfbridge DMOS Output Driver with Serial Input Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6818 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T6818_05 Datasheet HTML 4Page - ATMEL Corporation T6818_05 Datasheet HTML 5Page - ATMEL Corporation T6818_05 Datasheet HTML 6Page - ATMEL Corporation T6818_05 Datasheet HTML 7Page - ATMEL Corporation T6818_05 Datasheet HTML 8Page - ATMEL Corporation T6818_05 Datasheet HTML 9Page - ATMEL Corporation T6818_05 Datasheet HTML 10Page - ATMEL Corporation T6818_05 Datasheet HTML 11Page - ATMEL Corporation T6818_05 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
4530G–BCD–09/05
T6818/ATA6828
Note:
1. Test pulse 5: V
smax = 40 V
7.
Noise and Surge Immunity
Parameters
Test Conditions
Value
Conducted interferences
ISO 7637-1
Level 4(1)
Interference suppression
VDE 0879 Part 2
Level 5
ESD (Human Body Model)
ESD S 5.1
2 kV
ESD (Machine Model)
JEDEC A115A
200 V
8.
Electrical Characteristics
7.5 V < VVS < 40 V; 4.75 V < VVCC < 5.25 V; INH = High; –40°C < Tj < 150° C; unless otherwise specified, all values refer to GND pins.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Current Consumption
1.1
Quiescent current VS
VVS < 20 V, INH = low
3
IVS
1
5
µA
A
1.2
Quiescent current VCC
4.75 V < VVCC < 5.25 V,
INH = low
11
I
VCC
15
25
µA
A
1.3
Supply current VS
V
VS < 20 V normal
operating, all outputs off
3
IVS
4
6
mA
A
1.4
Supply current VCC
4.75 V < V
VCC < 5.25 V,
normal operating
11
I
VCC
350
500
µA
A
1.5
Discharge current VS
VVS = 32.5 V,
INH = low
3
I
VS
0.5
5.5
mA
A
1.6
Discharge current VS
V
VS = 40 V,
INH = low
3
IVS
2.5
10
mA
A
2
Undervoltage Detection, Power-on Reset
2.1
Power-on reset
threshold
11
V
VCC
3.2
3.9
4.4
V
A
2.2
Power-on reset
delay time
After switching on VCC
tdPor
30
95
190
µs
A
2.3
Undervoltage-detection
threshold
VCC = 5 V
3
VUv
5.6
7.0
V
A
2.4
Undervoltage-detection
hysteresis
V
CC = 5 V
3
∆V
Uv
0.6
V
A
2.5
Undervoltage-detection
delay time
tdUV
10
40
µs
A
3
Thermal Prewarning and Shutdown
3.1
Thermal prewarning set
T
jPW set
120
145
170
°C
B
3.2
Thermal prewarning
reset
TjPW reset
105
130
155
°C
B
3.3
Thermal prewarning
hysteresis
∆T
jPW
15
°C
B
3.4
Thermal shutdown off
T
j switch off
150
175
200
°C
B
3.5
Thermal shutdown on
T
j switch on
135
160
185
°C
B
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Delay time between rising edge of input signal at pin CS after data transmission and switch on output stages to 90% of final
level. Device not in standby for t > 1 ms


Similar Part No. - T6818_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6818 ATMEL-T6818_09 Datasheet
577Kb / 15P
   Triple Half bridge Output Driver with Serial Input Control
More results

Similar Description - T6818_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6818 ATMEL-T6818 Datasheet
469Kb / 16P
   Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
ATA6826 ATMEL-ATA6826 Datasheet
262Kb / 15P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6829 ATMEL-ATA6829_09 Datasheet
640Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819 Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_05 Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_07 Datasheet
353Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826_07 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com