Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6817-TKSY Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T6817-TKSY
Description  Dual Triple DMOS Output Driver with Serial Input Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6817-TKSY Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T6817-TKSY Datasheet HTML 6Page - ATMEL Corporation T6817-TKSY Datasheet HTML 7Page - ATMEL Corporation T6817-TKSY Datasheet HTML 8Page - ATMEL Corporation T6817-TKSY Datasheet HTML 9Page - ATMEL Corporation T6817-TKSY Datasheet HTML 10Page - ATMEL Corporation T6817-TKSY Datasheet HTML 11Page - ATMEL Corporation T6817-TKSY Datasheet HTML 12Page - ATMEL Corporation T6817-TKSY Datasheet HTML 13Page - ATMEL Corporation T6817-TKSY Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
4670D–BCD–04/07
T6817
5.13
Open load detection
current
Input register bit 13
(OLD) = low, output off
12, 14,
16
I
HS1–3
–150
–30
µA
A
5.14
Open load detection
current ratio
I
LS1–3/
I
HS1–3
1.2
A
5.15
Open load detection
threshold
Input register bit 13
(OLD) = low, output off
8, 15,
17
V
LS1–3
0.6
2
V
A
5.16
Open load detection
threshold
Input register bit 13
(OLD) = low, output off
12, 14,
16
VVS–
V
HS1–3
0.6
2
V
A
5.17
Output switch on
delay(1)
RLoad = 1 kΩ
tdon
0.5
ms
A
5.18
Output switch off
delay(1)
R
Load = 1 kΩ
t
doff
1ms
A
6
Inhibit Input
6.1
Input voltage low
level threshold
5V
IL
0.3
×
V
VCC
VA
6.2
Input voltage high
level threshold
5VIH
0.7
×
V
VCC
VA
6.3
Hysteresis of input
voltage
5
∆V
I
100
700
mV
A
6.4
Pull-down current
VINH = VVCC
5IPD
10
80
µA
A
7
Serial Interface – Logic Inputs DI, CLK, CS
7.1
Input voltage
low-level threshold
2-4
VIL
0.3
×
V
VCC
VA
7.2
Input voltage
high-level threshold
2-4
VIH
0.7
×
VVCC
VA
7.3
Hysteresis of input
voltage
2-4
∆V
I
50
500
mV
A
7.4
Pull-down current pin
DI, CLK
VDI, VCLK = VVCC
2, 4
IPDSI
250
µA
A
7.5
Pull-up current
pin CS
VCS = 0V
3
IPUSI
–50
–2
µA
A
8
Serial Interface - Logic Output DO
8.1
Output voltage low
level
I
OL = 3 mA
18
V
DOL
0.5
V
A
8.2
Output voltage high
level
IOL = –2 mA
18
VDOH
VVCC
–1V
VA
8.3
Leakage current
(tri-state)
V
CS = VVCC,
0 V < VDO < VVCC
18
IDO
–10
10
µA
A
8.
Electrical Characteristics (Continued)
7.5V < VVS < VOV; 4.5V < VVCC < 5.5V; INH = High; –40°C < Tj < 150°C; unless otherwise specified, all values refer to GND pins.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Delay time between rising edge of CS after data transmission and switch on/off output stages to 90% of final level


Similar Part No. - T6817-TKSY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6817-TKSY ATMEL-T6817-TKSY Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817-TKSY ATMEL-T6817-TKSY Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
More results

Similar Description - T6817-TKSY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6829 ATMEL-ATA6829_09 Datasheet
640Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819 Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_05 Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818_05 Datasheet
319Kb / 16P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818 Datasheet
469Kb / 16P
   Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
ATA6826 ATMEL-ATA6826 Datasheet
262Kb / 15P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826_07 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com