Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6817 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # T6817
Description  Dual Triple DMOS Output Driver with Serial Input Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6817 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button T6817_07 Datasheet HTML 7Page - ATMEL Corporation T6817_07 Datasheet HTML 8Page - ATMEL Corporation T6817_07 Datasheet HTML 9Page - ATMEL Corporation T6817_07 Datasheet HTML 10Page - ATMEL Corporation T6817_07 Datasheet HTML 11Page - ATMEL Corporation T6817_07 Datasheet HTML 12Page - ATMEL Corporation T6817_07 Datasheet HTML 13Page - ATMEL Corporation T6817_07 Datasheet HTML 14Page - ATMEL Corporation T6817_07 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
4670D–BCD–04/07
T6817
9.
Serial Interface - Timing
Parameters
Test Conditions
Timing
Chart No.
Symbol
Min.
Typ.
Max.
Unit
DO enable after CS falling edge
CDO = 100 pF
1
tENDO
200
ns
DO disable after CS rising edge
CDO = 100 pF
2
tDISDO
200
ns
DO fall time
CDO = 100 pF
tDOf
100
ns
DO rise time
CDO = 100 pF
tDOr
100
ns
DO valid time
CDO = 100 pF
10
tDOVal
200
ns
CS setup time
4
tCSSethl
225
ns
CS setup time
8
tCSSetlh
225
ns
CS high time
Input register bit 14
(SCT) = high
9t
CSh
140
ms
CS high time
Input register bit 14
(SCT) = low
9tCSh
17.5
ms
CLK high time
5
t
CLKh
225
ns
CLK low time
6
t
CLKl
225
ns
CLK period time
t
CLKp
500
ns
CLK setup time
7
t
CLKSethl
225
ns
CLK setup time
3
t
CLKSetlh
225
ns
DI setup time
11
t
DIset
40
ns
DI hold time
12
t
DIHold
40
ns


Similar Part No. - T6817_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6817 ATMEL-T6817_05 Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
More results

Similar Description - T6817_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6829 ATMEL-ATA6829_09 Datasheet
640Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819 Datasheet
251Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_05 Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818_05 Datasheet
319Kb / 16P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818 Datasheet
469Kb / 16P
   Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
ATA6826 ATMEL-ATA6826 Datasheet
262Kb / 15P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826_07 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com