Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T4260-ILQH Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T4260-ILQH
Description  AM/FM Front End IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T4260-ILQH Datasheet(HTML) 4 Page - ATMEL Corporation

  T4260-ILQH Datasheet HTML 1Page - ATMEL Corporation T4260-ILQH Datasheet HTML 2Page - ATMEL Corporation T4260-ILQH Datasheet HTML 3Page - ATMEL Corporation T4260-ILQH Datasheet HTML 4Page - ATMEL Corporation T4260-ILQH Datasheet HTML 5Page - ATMEL Corporation T4260-ILQH Datasheet HTML 6Page - ATMEL Corporation T4260-ILQH Datasheet HTML 7Page - ATMEL Corporation T4260-ILQH Datasheet HTML 8Page - ATMEL Corporation T4260-ILQH Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
4528M–AUDR–03/08
T4260
3.
Functional Description
The T4260 implements an AM up-conversion reception path from the RF input signal to the IF
output signal. A VCO and an LO prescaler for AM are integrated to generate the LO frequency to
the AM mixer. The FM reception path generates the same LO frequency from the RF input sig-
nal by a down-conversion to the IF output. The IF A/D output is designed for digital signal
processing. The IF can be chosen in the range of 10 MHz to 25 MHz. Automatic gain control
(AGC) circuits are implemented to control the preamplifier stages in the AM and FM reception
paths.
For improved performance, the PLL has an integrated special 2-bit shift fractional logic with spu-
rious suppression that enables fast frequency changes in AM and FM mode by a low step
frequency (f
PDF). In addition, two programmable DACs (Digital to Analog Converter) support the
alignment via a microcontroller.
For a double-tuner concept, external voltage can be applied at the input of the DACs, the inter-
nal PLL can switched off and the OSC buffer (output) can also be used as input.
Several register bits (bit 0 to bit 145) are used to control the circuit’s operation and to adapt cer-
tain circuit parameters to the specific application. The control bits are organized in four 8-bit, four
16-bit and three 24-bit registers that can be programmed by the 3-wire bus protocol. The bus
protocol and the bit-to-register mapping is described in Section 8. “3-wire Bus Description” on
page 10. The meaning of the control bits is mentioned in the following sections.
21
OSCB
Oscillator base
22
OSCBUF
Oscillator buffer output/input
23
EN
3-wire bus Enable
24
CLK
3-wire bus Clock
25
DATA
3-wire bus Data
26
VRPLL
PLL reference voltage
27
REFFREQ
PLL reference frequency
28
GNDPLL
PLL ground
29
IFOUTB
IF output B
30
IFOUTA
IF output A
31
IFAGCFM
FM IF-AGC filter
32
IFAGCA1
AM IF-AGC filter 1
33
RFAGCFM
RF FM-AGC filter
34
IFREF
IF amplifier reference input
35
IFINAM
IF amplifier AM input
36
IFINFM
IF amplifier FM input
37
VRT
Tuner reference voltage
38
GNDT
Tuner ground
39
MXAMOB
AM mixer output B
40
MXAMOA
AM mixer output A
41
VST
Tuner supply voltage
42
RFAGCA1
RF AM-AGC filter 1
43
MXFMOA
FM mixer output A
44
MXFMOB
FM mixer output B
Table 2-1.
Pin Description (Continued)
Pin
Symbol
Function


Similar Part No. - T4260-ILQH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4260-ILQH ATMEL-T4260-ILQH Datasheet
698Kb / 34P
   AM/FM Front End IC
More results

Similar Description - T4260-ILQH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4260 ATMEL-T4260_09 Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260 ATMEL-T4260 Datasheet
299Kb / 31P
   AM/FM Front End IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR4262M1 ATMEL-ATR4262M1 Datasheet
230Kb / 12P
   Broadcast Radio Front-end IC for AM/FM/DRM/HD Radio
logo
STMicroelectronics
TDA7227 STMICROELECTRONICS-TDA7227 Datasheet
169Kb / 5P
   SINGLE-CHIP AM/FM RADIO WITH FRONT-END
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
[Old version datasheet]   RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com