Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2526N1XX-DDW Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T2526N1XX-DDW
Description  Low-voltage IR Receiver ASSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2526N1XX-DDW Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T2526N1XX-DDW Datasheet HTML 6Page - ATMEL Corporation T2526N1XX-DDW Datasheet HTML 7Page - ATMEL Corporation T2526N1XX-DDW Datasheet HTML 8Page - ATMEL Corporation T2526N1XX-DDW Datasheet HTML 9Page - ATMEL Corporation T2526N1XX-DDW Datasheet HTML 10Page - ATMEL Corporation T2526N1XX-DDW Datasheet HTML 11Page - ATMEL Corporation T2526N1XX-DDW Datasheet HTML 12Page - ATMEL Corporation T2526N1XX-DDW Datasheet HTML 13Page - ATMEL Corporation T2526N1XX-DDW Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
4597G–AUTO–10/06
T2526
Figure 7-9.
Test Circuit
Figure 7-10. Application Circuit
1 nF
16
∆U2
DC
∆U1
I
IN_DC
I
IN
V
PULSE
I
IN_AC100
I
Ee
f
0
I
IN_DC = ∆U2/40 kΩ
R
1 = 220Ω
I
Ee = ∆U1/400 kΩ
t
PER = 10 ms
V
DD = 3V to 5V
C
1
4.7 µF
20 k
-
+
20 k
1 nF
GND
OUT
+
T2526
IN
VS
400 k
I
IN_DC
I
IN
V
IN
V
O
I
Ee
I
S
I
OCL
R
1 = 220Ω
C
2
(1)
= 470 pF
R
2
(1) > 2.4 k
(1) optional
4.7 µF
C
1
+
GND
OUT
Microcontroller
T2526
RPU
IN
VS
V
DD = 3V to 5V


Similar Part No. - T2526N1XX-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
T2526 ATMEL-T2526 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526S0xxC-DDW ATMEL-T2526S0xxC-DDW Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526S1xxC-DDW ATMEL-T2526S1xxC-DDW Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526S2xxC-DDW ATMEL-T2526S2xxC-DDW Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
More results

Similar Description - T2526N1XX-DDW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_09 Datasheet
267Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526_14 Datasheet
742Kb / 13P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_14 Datasheet
708Kb / 13P
   Low-voltage IR Receiver ASSP
T2525 ATMEL-T2525_14 Datasheet
602Kb / 11P
   IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
   IR RECEIVER ASSP
T2525 ATMEL-T2525_06 Datasheet
199Kb / 12P
   IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com