Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCDA24C-1.TCT Datasheet(PDF) 1 Page - Semtech Corporation

Part # LCDA24C-1.TCT
Description  Low Capacitance TVS Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LCDA24C-1.TCT Datasheet(HTML) 1 Page - Semtech Corporation

  LCDA24C-1.TCT Datasheet HTML 1Page - Semtech Corporation LCDA24C-1.TCT Datasheet HTML 2Page - Semtech Corporation LCDA24C-1.TCT Datasheet HTML 3Page - Semtech Corporation LCDA24C-1.TCT Datasheet HTML 4Page - Semtech Corporation LCDA24C-1.TCT Datasheet HTML 5Page - Semtech Corporation LCDA24C-1.TCT Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PROTECTION PRODUCTS
PRELIMINARY
1
www.semtech.com
PROTECTION PRODUCTS
LCDA24C-1
Low Capacitance TVS Array
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 04/07/2004
The LCDA24C-1 is a low capacitance transient voltage
suppressor (TVS) diode array. It is designed to protect
sensitive CMOS ICs from the damaging effects of ESD
and lightning. Each device will protect one line in
common (line-to-ground) mode or one line pair in
metallic (Line-to-line) mode. They are low capacitance
(< 15pF) making them suitable for use on high-speed
telecom and datacom interfaces without signal degra-
dation.
The configuration of the LCDA24C-1 has been opti-
mized for easy layout on high density boards. The
small SOT-143 package minimizes required board
space. These devices will handle up to 10 Amps for an
8/20µs lightning impulse. The low inductance con-
struction minimizes voltage overshoot during high
current surges.
The LCDA24C-1 may be used to protect ADSL inter-
faces, multi-protocol serial transceivers, portable
electronics, and wireless systems.
Applications
Mechanical Characteristics
ADSL Interfaces
RS-232, RS-422, V.90 Interfaces
Multi-Protocol Serial Transceivers
High-Speed Data Lines
Portable Electronics
WAN/LAN Equipment
Transient protection to high-speed data lines
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 0.5kV, 10A (8/20µs)
Configuration optimized for easy board layout
Protects one line pair
Low capacitance (<10pF) for high-speed interfaces
Low clamping voltage
Low leakage current
Operating voltage: 24V
Solid-state silicon-avalanche technology
JEDEC SOT-143 package
Lead Finish: Matte Tin
Molding compound flammability rating: UL 94V-0
Marking: Marking code
Packaging: Tape and Reel per EIA 481
SOT-143 (Top View)


Similar Part No. - LCDA24C-1.TCT

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
LCDA24C-4 SOCAY-LCDA24C-4 Datasheet
177Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
LCDA24C-4 SOCAY-LCDA24C-4 Datasheet
177Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Leiditech Elec...
LCDA24C-4 LEIDITECH-LCDA24C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
logo
UN Semiconducctor INC
LCDA24C-4 UNSEMI-LCDA24C-4 Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Socay Electornics Co., ...
LCDA24C-8 SOCAY-LCDA24C-8 Datasheet
271Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results

Similar Description - LCDA24C-1.TCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com