Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8946 Datasheet(PDF) 11 Page - Semtech Corporation

Part # ACS8946
Description  Jitter Attenuating, Multiplying Phase Locked Loop, with Protection Switch, for OC-12/STM-4 and GbE
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8946 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button ACS8946 Datasheet HTML 7Page - Semtech Corporation ACS8946 Datasheet HTML 8Page - Semtech Corporation ACS8946 Datasheet HTML 9Page - Semtech Corporation ACS8946 Datasheet HTML 10Page - Semtech Corporation ACS8946 Datasheet HTML 11Page - Semtech Corporation ACS8946 Datasheet HTML 12Page - Semtech Corporation ACS8946 Datasheet HTML 13Page - Semtech Corporation ACS8946 Datasheet HTML 14Page - Semtech Corporation ACS8946 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3/November 2006 © Semtech Corp.
Page 11
www.semtech.com
ACS8946 JAM PLL
Characteristic is defined solely by the loop filter
bandwidth and is shown in Figure 5, which shows the
transfer characteristic using the recommended loop filter
bandwidth of 2 kHz with a damping factor of 1.2.
Figure 5 Jitter Transfer Characteristic, ACS8946
Stand-alone
In the combined solution, the ACS8525 device provides
additional low frequency jitter filtering. The Jitter Transfer
Characteristic of the combined ACS8946 and ACS8525 is
shown in Figure 6.
Figure 6 Jitter Transfer Characteristic, ACS8525 and
ACS8946 combined
Phase Noise Performance
The inherent jitter generation by the ACS8946 is shown in
the phase noise plot in Figure 7 measured on a
155.52 MHz output clock using an input reference of
19.44 MHz.
Figure 7 Phase Noise Offset from Carrier of ACS8946
622.08 MHz output clock
In the combined line card solution, the inherent jitter
generated by the ACS8525 is attenuated by the ACS8946
as shown in the phase noise plot in Figure 8.
Figure 8 Phase Noise Offset from Carrier, ACS8525
155.52 MHz output clock, with and without ACS8946
Clock Cleaner
Lock Detector
A simple lock detector is incorporated which combines the
plus and minus phase errors from the phase detector,
TBIL
ACS8944 RMS Jitter Transfer Curve
-27.0
-24.0
-21.0
-18.0
-15.0
-12.0
-9.0
-6.0
-3.0
0.0
3.0
100
1000
10000
100000
Frequency (Hz)
ACS8946 RMS Jitter Transfer Curve
TBIL
-160
-140
-120
-100
-80
-60
-40
-20
0
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
Frequency (Hz)
Typical Phase Noise @ 155.52MHz
TBIL
Typical Phase Noise Cleaning of ACS8525
-170
-150
-130
-110
-90
-70
-50
-30
-10
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
Frequency (Hz)
ACS8525 alone
ACS8525 + ACS8946


Similar Part No. - ACS8946

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8944 SEMTECH-ACS8944 Datasheet
472Kb / 24P
   Jitter Attenuating, Multiplying Phase Locked Loop for OC-12/STM-4
ACS8944EVB SEMTECH-ACS8944EVB Datasheet
472Kb / 24P
   Jitter Attenuating, Multiplying Phase Locked Loop for OC-12/STM-4
ACS8944T SEMTECH-ACS8944T Datasheet
472Kb / 24P
   Jitter Attenuating, Multiplying Phase Locked Loop for OC-12/STM-4
ACS8947T SEMTECH-ACS8947T Datasheet
1Mb / 30P
   Jitter Attenuating, Multiplying Phase-Locked Loop with Automatic Input Switch and Data Resynchronization Path
More results

Similar Description - ACS8946

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8944 SEMTECH-ACS8944 Datasheet
472Kb / 24P
   Jitter Attenuating, Multiplying Phase Locked Loop for OC-12/STM-4
ACS8947T SEMTECH-ACS8947T Datasheet
1Mb / 30P
   Jitter Attenuating, Multiplying Phase-Locked Loop with Automatic Input Switch and Data Resynchronization Path
logo
Renesas Technology Corp
894D115I-01 RENESAS-894D115I-01 Datasheet
423Kb / 17P
   OC-12/STM-4 and OC-3/STM-1 Clock/Data Recovery Device
Rev C 2/19/15
894D115I-04 RENESAS-894D115I-04 Datasheet
441Kb / 16P
   OC-12/STM-4 AND OC-3/STM-1 Clock/Data Recovery Device
January 27, 2016
logo
OPLINK Communications I...
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
   Phase-locked-loop with VCO
1997 Nov 25
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com