Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8527T Datasheet(PDF) 8 Page - Semtech Corporation

Part # ACS8527T
Description  Line Card Protection Switch for PDH, SONET or SDH Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8527T Datasheet(HTML) 8 Page - Semtech Corporation

Back Button ACS8527T Datasheet HTML 4Page - Semtech Corporation ACS8527T Datasheet HTML 5Page - Semtech Corporation ACS8527T Datasheet HTML 6Page - Semtech Corporation ACS8527T Datasheet HTML 7Page - Semtech Corporation ACS8527T Datasheet HTML 8Page - Semtech Corporation ACS8527T Datasheet HTML 9Page - Semtech Corporation ACS8527T Datasheet HTML 10Page - Semtech Corporation ACS8527T Datasheet HTML 11Page - Semtech Corporation ACS8527T Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 4.01/June 2006 © Semtech Corp.
Page 8
www.semtech.com
ACS8527 MUXPLL
DPLL Acquisition Bandwidth
The ACS8527 DPLL has a preset acquisition bandwidth of
70 Hz.
DPLL Input Tracking (Locked) Bandwidth
The ACS8527 DPPL has a preset tracking bandwidth of
35 Hz. This bandwidth setting corresponds to the -3 dB
jitter attenuation point on the ACS8527’s jitter transfer
characteristic.
DPLL Damping Factor
The DPLL damping factor is 10, giving a PLL jitter transfer
peak gain of 0.06 dB.
Fast Activity Monitor
Anomalies on the selected clock have to be detected as
they occur and the PLL must be temporarily isolated until
the clock is once again pure. The phase locked loop itself
contains a fast activity monitor such that within
approximately two missing input clock cycles, the LOS
alarm on pin LOS_ALARM is raised and the DPLL is frozen
in Digital Holdover mode. With the DPLL in Digital
Holdover mode it is isolated from further disturbances. If
the input becomes active again then the DPLL will
continue to lock to the input, with little disturbance.
Outputs
The ACS8527 delivers four output signals on the following
ports: Two clocks, one each on outputs O1 and O2, and
two Sync signals, one each on output ports FrSync and
MFrSync. Outputs O1 and O2 are independent of each
other and are individually selectable. Output 01 is an
LVDS compatible differential port (pins O1POS and
O1NEG). Output O2 (pin O2) and the Sync outputs are
TTL/CMOS compatible. The two Sync outputs, FrSync (8
kHz) and MFrSync (2 kHz), are derived from the DPLL.
Output Frequency Selection
The frequencies available on the outputs can be selected
from a range of spot frequencies by hardware selection,
configuring the pins OP_FREQ1 [2:0], OP_FREQ2[2:0] and
SONSDH, which are read on reset.
Tables 5 and 6 show the hardware settings for selecting
from 11 output frequencies on outputs 01 and 02.
Table 5 Output 01 Frequency Selection by Hardware Configuration
O1_FREQ
SONSDHB Pin
Output Frequency/
MHz
Jitter Level (typ)
2
1
0
rms (ps)
p-p (ns)
00
0
X
0
-
-
00
1
0
34.368
120
1
1
44.736
110
1
0
1
0
X
19.44
60
0.6
0
1
1
X
25.92
60
0.6
1
0
0
X
38.88
60
0.6
1
0
1
X
51.84
60
0.6
1
1
0
X
77.76
60
0.6
1
1
1
X
155.52
60
0.6


Similar Part No. - ACS8527T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520 IQD-ACS8520 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520A IQD-ACS8520A Datasheet
208Kb / 4P
   TCXO Specification
More results

Similar Description - ACS8527T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Zarlink Semiconductor I...
ZL30106 ZARLINK-ZL30106_05 Datasheet
1Mb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30106 ZARLINK-ZL30106 Datasheet
423Kb / 48P
   SONET/SDH/PDH Network Interface DPLL
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com