Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8525LC Datasheet(PDF) 10 Page - Semtech Corporation

Part # ACS8525LC
Description  Line Card Protection Switch for SONET/SDH Systems
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525LC Datasheet(HTML) 10 Page - Semtech Corporation

Back Button ACS8525LC Datasheet HTML 6Page - Semtech Corporation ACS8525LC Datasheet HTML 7Page - Semtech Corporation ACS8525LC Datasheet HTML 8Page - Semtech Corporation ACS8525LC Datasheet HTML 9Page - Semtech Corporation ACS8525LC Datasheet HTML 10Page - Semtech Corporation ACS8525LC Datasheet HTML 11Page - Semtech Corporation ACS8525LC Datasheet HTML 12Page - Semtech Corporation ACS8525LC Datasheet HTML 13Page - Semtech Corporation ACS8525LC Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.01/August 2005 © Semtech Corp.
Page 10
www.semtech.com
ACS8525 LC/P
dynamics between the selected clock and the other
reference clocks. Anomalies occurring on non-selected
SECs affect only that source's suitability for selection,
whereas anomalies occurring on the selected clock could
have a detrimental impact on the accuracy of the output
clock.
Leaky Bucket Accumulator
Anomalies detected by the Activity Monitor are integrated
in a Leaky Bucket Accumulator. There is one Leaky Bucket
Accumulator per SEC input. Each Leaky Bucket can be
programmed with a Bucket ID (0 to 3) which assigns to the
Leaky Bucket the corresponding Leaky Bucket
Configuration (from four available Configurations). Each
Leaky Bucket Configuration comprises the following
programmable parameters (See Reg. 50 to Reg. 5F):
Bucket size
Alarm trigger (set threshold)
Alarm clear (reset threshold)
Leak rate (decay rate)
There are occasional anomalies that do not cause the
Accumulator to cross the alarm setting threshold, so the
selected SEC is retained. Persistent anomalies cause the
alarm setting threshold to be crossed and result in the
selected SEC being rejected.
Each Leaky Bucket Accumulator is a digital circuit which
mimics the operation of an analog integrator. If several
events occur close together, each event adds to the
amplitude and the alarm will be triggered quickly; if events
occur over a greater time period but still sufficiently close
together to overcome the decay, the alarm will be
triggered eventually. If events occur at a rate which is not
sufficient to overcome the decay, the alarm will not be
triggered. Similarly, if no defect events occur for a
sufficient time, the amplitude will decay gradually and the
alarm will be cleared when the amplitude falls below the
alarm clearing threshold. The ability to decay the
amplitude over time allows the importance of defect
events to be reduced as time passes by. This means that,
in the case of isolated events, the alarm will not be set,
whereas, once the alarm becomes set, it will be held on
until normal operation has persisted for a suitable time
(but if the operation is still erratic, the alarm will remain
set).
Figure 3 illustrates the behavior of the Leaky Bucket
Accumulator.
Each SEC input is monitored over a 128 ms period. If,
within a 128 ms period, an irregularity occurs that is not
deemed to be due to allowable jitter/wander, then the
accumulator is incremented.
The Accumulator will continue to increment up to the
point that it reaches the programmed Bucket size. The “fill
rate” of the Leaky Bucket is, therefore, 8 units/second.
The “leak rate” of the Leaky Bucket is programmable to
be in multiples of the fill rate (x 1, x 0.5, x 0.25 and
x 0.125) to give a programmable leak rate from
8 units/sec down to 1 unit/sec. A conflict between trying
to “leak” at the same time as a “fill” is avoided by
preventing a leak when a fill event occurs.
Figure 3 Inactivity and Irregularity Monitoring
Inactivities/Irregularities
Programmable Fall Slopes
Reference
Source
Leaky
Bucket
Response
Alarm
bucket_size
upper_threshold
lower_threshold
(all programmable)


Similar Part No. - ACS8525LC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525ALC SEMTECH-ACS8525ALC Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525AP SEMTECH-ACS8525AP Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525AT SEMTECH-ACS8525AT Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
More results

Similar Description - ACS8525LC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
   Line Card Protection Switch for SONET or SDH Network Elements
logo
Zarlink Semiconductor I...
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
   SONET/SDH Low Jitter Line Card Synchronizer
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com