Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8522AT Datasheet(PDF) 7 Page - Semtech Corporation

Part # ACS8522AT
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8522AT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button ACS8522AT Datasheet HTML 3Page - Semtech Corporation ACS8522AT Datasheet HTML 4Page - Semtech Corporation ACS8522AT Datasheet HTML 5Page - Semtech Corporation ACS8522AT Datasheet HTML 6Page - Semtech Corporation ACS8522AT Datasheet HTML 7Page - Semtech Corporation ACS8522AT Datasheet HTML 8Page - Semtech Corporation ACS8522AT Datasheet HTML 9Page - Semtech Corporation ACS8522AT Datasheet HTML 10Page - Semtech Corporation ACS8522AT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 118 page
background image
ACS8522A SETS LITE
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 7
www.semtech.com
The ACS8522A is a highly integrated, single-chip solution
for the SETS function in a SONET/SDH Network Element,
for the generation of SEC and Frame/MultiFrame sync
pulses. Digital Phase Locked Loop (DPLL) and direct
digital synthesis methods are used in the device so that
the overall PLL characteristics are very stable and
consistent compared to traditional analog PLLs.
In Free-run mode, the ACS8522A generates a stable, low-
noise clock signal at a frequency to the same accuracy as
the external oscillator, or it can be made more accurate
via software calibration to within 0.02 ppm. In Locked
mode, the ACS8522A selects the most appropriate input
reference source and generates a stable, low-noise clock
signal locked to the selected reference. In Holdover mode,
the ACS8522A generates a stable, low-noise clock signal,
adjusted to match the last known good frequency of the
last selected reference source. A high level of phase and
frequency accuracy is made possible by an internal
resolution of up to 54 bits and internal Holdover accuracy
of 0.0012 ppb (1.2 x 10-12). In all modes, the frequency
accuracy, jitter and drift performance of the clock meet
the requirements of ITU G.736[7], G.742[8], G783[9],
G.812[10], G.813[11], G.823[13],G.824[14] and Telcordia
GR-253-CORE[17] and GR-1244-CORE[19].
The ACS8522A supports all three types of reference clock
source: recovered line clock, PDH network
synchronization timing and node synchronization. The
ACS8522A generates independent T0 and T4 clocks, an
8 kHz Frame Synchronization clock and a 2 kHz
Multi-Frame Synchronization clock.
One key architectural advantage that the ACS8522A has
over traditional solutions is in the use of DPLL technology
for precise and repeatable performance over temperature
or voltage variations and between parts. The overall PLL
bandwidth, loop damping, pull-in range and frequency
accuracy are all determined by digital parameters that
provide a consistent level of performance. An Analog PLL
(APLL) takes the signal from the DPLL output and provides
a lower jitter output. The APLL bandwidth is set four orders
of magnitude higher than the DPLL bandwidth. This
ensures that the overall system performance still
maintains the advantage of consistent behavior provided
by the digital approach.
The DPLLs are clocked by the external Oscillator module
(TCXO or OCXO) so that the Free-run or Holdover
frequency stability is only determined by the stability of
the external oscillator module. This second key advantage
confines all temperature critical components to one well
defined and pre-calibrated module, whose performance
can be chosen to match the application; for example an
TCXO for Stratum 3 applications.
All performance parameters of the DPLLs are
programmable without the need to understand detailed
PLL equations. Bandwidth, damping factor and lock range
can all be set directly, for example. The PLL bandwidth
can be set over a wide range, 0.1 Hz to 70 Hz in 18 steps,
to cover all SONET/SDH clock synchronization
applications.
The ACS8522A includes a serial port, providing access to
the configuration and status registers for device setup
and monitoring.
Overview
The following description refers to the Block Diagram
(Figure 1 on page 1).
The ACS8522A SETS device has four SEC clock inputs
(SEC1 to SEC4), and generates four output clocks on
outputs O1 to O4. The device offers a total of 55 possible
output frequencies. There are two independent paths
through the device: T0 path comprising T0 DPLL and T0
Output and Feedback APLLs, and T4 path comprising T4
DPLL and T4 Output APLL.
The T0 path is a high quality, highly configurable path
designed to provide features necessary for node timing
synchronization within a SONET/SDH network. The T4
path is a simpler and less configurable path designed to
give a totally independent path for internal equipment
synchronization. The device supports use of either or both
paths, either locked together or independent.
The four SEC inputs ports are TTL/CMOS, 3 V compatible
(with clamping if required by connecting the VDDCLMP
pin). Refer to the electrical characteristics section for
more information on the electrical compatibility and
details. Input frequencies supported range from 2 kHz to
100 MHz.
Common E1, DS1, OC3 and sub-divisions are supported
as spot frequencies that the DPLLs will directly lock to.
Any input frequency, up to 100 MHz, that is a multiple of
8 kHz can also be locked to via an inbuilt programmable
divider.
Introduction
General Description


Similar Part No. - ACS8522AT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8522 IQD-ACS8522 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
logo
IQD Frequency Products ...
ACS8522BT IQD-ACS8522BT Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8522T SEMTECH-ACS8522T Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
More results

Similar Description - ACS8522AT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520_05 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com