Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8515P Datasheet(PDF) 8 Page - Semtech Corporation

Part # ACS8515P
Description  Line Card Protection Switch for SONET or SDH Network Elements
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8515P Datasheet(HTML) 8 Page - Semtech Corporation

Back Button ACS8515P Datasheet HTML 4Page - Semtech Corporation ACS8515P Datasheet HTML 5Page - Semtech Corporation ACS8515P Datasheet HTML 6Page - Semtech Corporation ACS8515P Datasheet HTML 7Page - Semtech Corporation ACS8515P Datasheet HTML 8Page - Semtech Corporation ACS8515P Datasheet HTML 9Page - Semtech Corporation ACS8515P Datasheet HTML 10Page - Semtech Corporation ACS8515P Datasheet HTML 11Page - Semtech Corporation ACS8515P Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
Revision 2.01/December 2005
Semtech Corp.
www.semtech.com
8
ACS8515 Rev2.1 LC/P
ADVANCED COMMUNICATIONS
FINAL
+/- 50 ppm adjustment would be sufficient to
cope with most crystals, in fact the range is an
order of magnitude larger due to the use of
two 8 bit register locations. The setting of the
conf_nominal_frequency register allows for this
adjustment. An increase in the register value
increases the output frequencies by 0.02 ppm
for each LSB step. The default value (in decimal)
is 39321. The minimum being 0 and the
maximum 65535, giving a -700 ppm to +500
ppm adjustment range of the output
frequencies.
For example, if the crystal was oscillating at
12.8 MHz + 5 ppm, then the calibration value
in the register to give a - 5 ppm adjustment in
output frequencies to compensate for the
crystal inaccuracy, would be :
39321 - (5 / 0.02) = 39071 (decimal)
The ACS8515 supports up to three individual input
reference clock sources via TTL/CMOS and PECL/
LVDS technologies. These interface technologies
support +3.3 V and +5 V operation.
Input Reference Clock Ports
Input Reference Clock Ports
Input Reference Clock Ports
Input Reference Clock Ports
Input Reference Clock Ports
The input reference clock ports are arranged in
groups. Group one comprises a TTL port (SEC1)
and a PECL/LVDS port (SEC1POS and
SEC1NEG). Group two comprises a TTL port
(SEC2) and a PECL/LVDS port (SEC2POS and
SEC2NEG). Group three comprises a TTL port
(SEC3). For group one and group two, only one
of the two input ports types must be active at
any time, the other must not be driven by a
reference input. Unused PECL/LVDS differential
inputs should be fixed with one input high (VDD)
and the other low (GND), or set in LVDS mode
and left floating (in which case one input is
internally pulled high and the other low).
SDH and SONET networks use different default
frequencies; the network type is selectable
using the config_mode register 34 Hex, bit 2.
For SONET, config_mode register 34 Hex, bit 2
= 1, for SDH config_mode register 34 Hex, bit
2 = 0. On power-up or by reset, the default will
be set by the state of the SONSDHB pin (pin
64). Specific frequencies and priorities are set
by configuration.
The TTL ports (compatible also with CMOS
signals) support clock speeds up to 100 MHz,
with the highest spot frequency being 77.76
MHz. Clock speeds above 100 MHz should not
be applied to the TTL ports. The PECL/LVDS
ports support the full range of clock speeds,
up to 155.52 MHz.
The actual spot frequencies supported are:
•2 kHz
•4 kHz
•8 kHz (and N x 8 kHz),
•1.544 MHz (SONET)/2.048 MHz (SDH),
•6.48 MHz,
•19.44 MHz,
•25.92 MHz,
•38.88 MHz,
•51.84 MHz,
•77.76 MHz,
•155.52 MHz.
The frequency selection is programmed via the
cnfg_ref_source_frequency register.
The
internal DPLL will normally lock to the selected
input at the frequency of the input, eg.
19.44 MHz will lock the DPLL phase
comparisons at 19.44 MHz. It is, however,
possible to utilise an internal pre-divider to the
DPLL to divide the input frequency before it is
used for phase comparisons in the DPLL. This
pre-divider can be used in one of 2 ways;
1. Any of the supported spot frequencies can be divided to
8 kHz by setting the ‘lock8K’ bit (bit 6) in the appropriate
cnfg_ref_source_frequency register location. For good jitter
tolerance for all frequencies and for operation at
19.44 MHz and above, use lock8K. It is possible to choose
which edge of the 8kHz input to lock to, by setting the
appropriate bit of the cnfg_control1 register.


Similar Part No. - ACS8515P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515P SEMTECH-ACS8515P Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
More results

Similar Description - ACS8515P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
   Line Card Protection Switch for SONET or SDH Network Elements
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
   Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
   Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
   Line Card Protection Switch for SONET/SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
logo
Zarlink Semiconductor I...
ZL30407 ZARLINK-ZL30407 Datasheet
843Kb / 57P
   SONET/SDH Network Element PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com