Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS8520T Datasheet(PDF) 10 Page - Semtech Corporation

Part # ACS8520T
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8520T Datasheet(HTML) 10 Page - Semtech Corporation

Back Button ACS8520T Datasheet HTML 6Page - Semtech Corporation ACS8520T Datasheet HTML 7Page - Semtech Corporation ACS8520T Datasheet HTML 8Page - Semtech Corporation ACS8520T Datasheet HTML 9Page - Semtech Corporation ACS8520T Datasheet HTML 10Page - Semtech Corporation ACS8520T Datasheet HTML 11Page - Semtech Corporation ACS8520T Datasheet HTML 12Page - Semtech Corporation ACS8520T Datasheet HTML 13Page - Semtech Corporation ACS8520T Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 150 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/October 2005 © Semtech Corp.
Page 10
www.semtech.com
ACS8520 SETS
method allows for example, a master and a slave device
to be in precise alignment.
The ACS8520 also supports Sync pulse references of
4 kHz or 8 kHz although in these cases frequencies lower
than the Sync pulse reference may not necessarily be in
phase.
Input Reference Clock Ports
Table 4 gives details of the input reference ports, showing
the input technologies and the range of frequencies
supported on each port; the default spot frequencies and
default priorities assigned to each port on power-up or by
reset are also shown. Note that SDH and SONET networks
use different default frequencies; the network type is pin-
selectable (using either the SONSDHB pin or via
software). Specific frequencies and priorities are set by
configuration.
SDH and SONET networks use different default
frequencies; the network type is selectable using the
cnfg_input_mode Reg. 34 Bit 2, ip_sonsdhb.
For SONET, ip_sonsdhb = 1
For SDH, ip_sonsdhb = 0
On power-up or by reset, the default will be set by the state
of the SONSDHB pin (pin 100). Specific frequencies and
priorities are set by configuration.
The frequency selection is programmed via the
cnfg_ref_source_frequency register (Reg. 20 - Reg. 2D).
Locking Frequency Modes
There are three locking frequency modes that can be
configured: Direct Lock, Lock 8k and DivN.
Direct Lock Mode
In Direct Lock Mode, the internal DPLL can lock to the
selected input at the spot frequency of the input, for
example 19.44 MHz performs the DPLL phase
comparisons at 19.44 MHz.
In Lock8K and DivN modes (and for special case of
155 MHz), an internal divider is used prior to the DPLL to
divide the input frequency before it is used for phase
comparisons in the DPLL.
Lock8K Mode
Lock8K mode automatically sets the divider parameters
to divide the input frequency down to 8 kHz. Lock8K can
only be used on the supported spot frequencies (see
Table 4 Note(i)). Lock8k mode is enabled by setting the
Lock8k bit (Bit 6) in the appropriate
cnfg_ref_source_frequency register location. Using lower
frequencies for phase comparisons in the DPLL results in
a greater tolerance to input jitter.It is possible to choose
which edge of the input reference clock to lock to, by
setting 8K edge polarity (Bit 2 of Reg. 03, test_register1).
DivN Mode
In DivN mode, the divider parameters are set manually by
configuration (Bit 7 of the cnfg_ref_source_frequency
register), but must be set so that the frequency after
division is 8 kHz.
The DivN function is defined as:
DivN = “Divide by N+ 1”, i.e. it is the dividing factor used
for the division of the input frequency, and has a value of
(N+1) where N is an integer from 1 to 12499 inclusive.
Therefore, in DivN mode the input frequency can be
divided by any integer value between 2 to 12500.
Consequently, any input frequency which is a multiple of
8 kHz, between 8 kHz to 100 MHz, can be supported by
using DivN mode.
Note...Any reference input can be set to use DivN
independently of the frequencies and configurations of the
other inputs. However only one value of N is allowed, so all
inputs with DivN selected must be running at the same
frequency.
DivN Examples
(a) To lock to 2.000 MHz:
(i)
Set the cnfg_ref_source_frequency register to
10XX0000 (binary) to enable DivN, and set the
frequency to 8 kHz - the frequency required after
division. (XX = “Leaky Bucket” ID for this input).
(ii) To achieve 8 kHz, the 2 MHz input must be
divided by 250. So, if DivN = 250 = (N + 1)
then N must be set to 249. This is done by writing
F9 hex (249 decimal) to the DivN register pair
Reg. 46/47.
(b) To lock to 10.000 MHz:
(i)
The cnfg_ref_source_frequency register is set to
10XX0000 (binary) to set the DivN and the


Similar Part No. - ACS8520T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520 IQD-ACS8520 Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520A IQD-ACS8520A Datasheet
208Kb / 4P
   TCXO Specification
logo
Semtech Corporation
ACS8520AT SEMTECH-ACS8520AT Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
More results

Similar Description - ACS8520T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8522A SEMTECH-ACS8522A Datasheet
2Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522 SEMTECH-ACS8522 Datasheet
1Mb / 118P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
   Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8522BT SEMTECH-ACS8522BT Datasheet
2Mb / 122P
   orderSynchronous Equipment Timing Source for Stratum 3/4E/4, SMC and Ethernet Systems
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
   Synchronous Equipment Timing Source for Synchronous Ethernet
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
   Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
logo
Integrated Device Techn...
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
   Synchronous Equipment Timing Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com