Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6128AUS Datasheet(PDF) 3 Page - Semtech Corporation

Part # 1N6128AUS
Description  500W Bipolar Transient Voltage Suppressor Surface Mount (US)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N6128AUS Datasheet(HTML) 3 Page - Semtech Corporation

  1N6128AUS Datasheet HTML 1Page - Semtech Corporation 1N6128AUS Datasheet HTML 2Page - Semtech Corporation 1N6128AUS Datasheet HTML 3Page - Semtech Corporation 1N6128AUS Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
 2006 Semtech Corp.
www.semtech.com
POWER DISCRETES
1N6102US thru 1N6137US
1N6103AUS thru 1N6137AUS
e
c
i
v
e
D
e
p
y
T
m
u
m
i
n
i
M
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
V
)
R
B
(
I
@
)
R
B
(
t
s
e
T
t
n
e
r
r
u
C
I
)
R
B
(
g
n
i
k
r
o
W
e
s
r
e
v
e
R
.
k
P
e
g
a
t
l
o
V
V
M
W
R
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
1
R
m
u
m
i
x
a
M
g
n
i
p
m
a
l
C
e
g
a
t
l
o
V
V
C
I
@
P
m
u
m
i
x
a
M
e
s
l
u
P
.
k
P
I
t
n
e
r
r
u
C
P
T
P
S
m
1
=
.
p
m
e
T
f
o
.
f
f
e
o
C
V
)
R
B
(
ααααα
)
Z
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
R
t
n
e
r
r
u
C
I
2
R
C
°
0
5
1
@
s
tl
o
VA
ms
tl
o
VA
µs
tl
o
Vs
p
m
AC
°
/
%A
µ
5
2
1
6
N
18
.
5
50
21
.
7
41
3
.
9
86
.
51
.
00
0
1
A
5
2
1
6
N
19
.
8
50
21
.
7
41
3
.
5
89
.
51
.
00
0
1
6
2
1
6
N
12
.
1
60
27
.
1
51
0
.
8
91
.
51
.
00
0
1
A
6
2
1
6
N
16
.
4
60
27
.
1
51
1
.
7
91
.
51
.
00
0
1
7
2
1
6
N
15
.
7
60
20
.
6
51
1
.
8
0
16
.
41
.
00
0
1
A
7
2
1
6
N
13
.
1
70
20
.
6
51
1
.
3
0
18
.
41
.
00
0
1
8
2
1
6
N
18
.
3
75
12
.
2
61
2
.
8
1
12
.
41
.
00
0
1
A
8
2
1
6
N
19
.
7
75
12
.
2
61
8
.
2
1
14
.
41
.
00
0
1
9
2
1
6
N
19
.
1
85
12
.
9
61
1
.
1
3
18
.
31
.
00
0
1
A
9
2
1
6
N
15
.
6
85
12
.
9
61
1
.
5
2
10
.
41
.
00
0
1
0
3
1
6
N
10
.
0
92
10
.
6
71
1
.
4
4
15
.
31
.
00
0
1
A
0
3
1
6
N
10
.
5
92
10
.
6
71
6
.
7
3
16
.
31
.
00
0
1
1
3
1
6
N
10
.
9
92
16
.
3
81
5
.
8
5
12
.
31
.
00
0
1
A
1
3
1
6
N
15
.
4
0
12
16
.
3
81
3
.
1
5
13
.
31
.
00
0
1
2
3
1
6
N
10
.
8
0
10
12
.
1
91
9
.
2
7
19
.
21
.
00
0
1
A
2
3
1
6
N
10
.
4
1
10
12
.
1
91
1
.
5
6
10
.
31
.
00
0
1
3
3
1
6
N
10
.
7
1
10
18
.
8
91
3
.
7
8
17
.
25
0
1
.
00
0
1
A
3
3
1
6
N
15
.
3
2
10
18
.
8
91
8
.
8
7
18
.
25
0
1
.
00
0
1
4
3
1
6
N
10
.
5
3
18
0
.
4
1
11
2
.
6
1
23
.
25
0
1
.
00
0
1
A
4
3
1
6
N
15
.
2
4
18
0
.
4
1
11
3
.
6
0
24
.
25
0
1
.
00
0
1
5
3
1
6
N
14
4
18
6
.
1
2
11
8
.
8
2
22
.
25
0
1
.
00
0
1
A
5
3
1
6
N
12
5
18
6
.
1
2
11
4
.
8
1
23
.
25
0
1
.
00
0
1
6
3
1
6
N
12
6
15
8
.
6
3
11
4
.
7
5
29
.
11
1
.
00
0
1
A
6
3
1
6
N
11
7
15
8
.
6
3
11
7
.
5
4
20
.
21
1
.
00
0
1
7
3
1
6
N
10
8
15
0
.
2
5
11
0
.
6
8
27
.
11
1
.
00
0
1
A
7
3
1
6
N
10
9
15
0
.
2
5
11
0
.
3
7
28
.
11
1
.
00
0
1
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.


Similar Part No. - 1N6128AUS

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N6128AUS SENSITRON-1N6128AUS Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
1N6128AUS SENSITRON-1N6128AUS Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results

Similar Description - 1N6128AUS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6102US SEMTECH-1N6102US_10 Datasheet
47Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6138US SEMTECH-1N6138US_10 Datasheet
47Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6138US SEMTECH-1N6138US Datasheet
119Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
TAITRON Components Inco...
TVT03AW TAITRON-TVT03AW Datasheet
121Kb / 4P
   500W Surface Mount Transient Voltage Suppressor Arrays
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com